Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L2568SL-45SLT Datasheet(PDF) 9 Page - Lyontek Inc.

Part # LY62L2568SL-45SLT
Description  256K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L2568SL-45SLT Datasheet(HTML) 9 Page - Lyontek Inc.

Back Button LY62L2568SL-45SLT Datasheet HTML 5Page - Lyontek Inc. LY62L2568SL-45SLT Datasheet HTML 6Page - Lyontek Inc. LY62L2568SL-45SLT Datasheet HTML 7Page - Lyontek Inc. LY62L2568SL-45SLT Datasheet HTML 8Page - Lyontek Inc. LY62L2568SL-45SLT Datasheet HTML 9Page - Lyontek Inc. LY62L2568SL-45SLT Datasheet HTML 10Page - Lyontek Inc. LY62L2568SL-45SLT Datasheet HTML 11Page - Lyontek Inc. LY62L2568SL-45SLT Datasheet HTML 12Page - Lyontek Inc. LY62L2568SL-45SLT Datasheet HTML 13Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LY62L2568
Rev. 1.5
256K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
8
®
DATA RETENTION CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VCC for Data Retention
VDR
CE#
V
CC
-0.2Vor CE2 ≦ 0.2V
1.5
-
3.6
V
Data Retention Current
IDR
VCC = 1.5V
CE#
V
CC
- 0.2V
or CE2 ≦ 0.2V
Other pins at 0.2V or VCC-0.2V
LL
-
0.5
5
µA
LLE/LLI
-
0.5
10
µA
SL
SLE
SLI
25℃
-
0.5
3
µA
40℃
-
0.5
3
µA
SL
-
0.5
5
µA
SLE/SLI
-
0.5
10
µA
Chip Disable to Data
Retention Time
tCDR
See Data Retention
Waveforms (below)
0
-
-
ns
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
DATA RETENTION WAVEFORM
Low Vcc Data Retention Waveform (1) (
CE# controlled)
Vcc
CE#
VDR ≧ 1.5V
CE#
V
cc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)
Low Vcc Data Retention Waveform (2) (CE2 controlled)
Vcc
CE2
VDR ≧ 1.5V
CE2 ≦ 0.2V
Vcc(min.)
VIL
tR
tCDR
VIL
Vcc(min.)


Similar Part No. - LY62L2568SL-45SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L2568SL-45SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C2008 ALSC-AS6C2008 Datasheet
3Mb / 13P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568 Datasheet
222Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_16 Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com