Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L5128ML-10LLIT Datasheet(PDF) 6 Page - Lyontek Inc.

Part # LY61L5128ML-10LLIT
Description  512K X 8 BIT HIGH SPEED CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L5128ML-10LLIT Datasheet(HTML) 6 Page - Lyontek Inc.

Back Button LY61L5128ML-10LLIT Datasheet HTML 2Page - Lyontek Inc. LY61L5128ML-10LLIT Datasheet HTML 3Page - Lyontek Inc. LY61L5128ML-10LLIT Datasheet HTML 4Page - Lyontek Inc. LY61L5128ML-10LLIT Datasheet HTML 5Page - Lyontek Inc. LY61L5128ML-10LLIT Datasheet HTML 6Page - Lyontek Inc. LY61L5128ML-10LLIT Datasheet HTML 7Page - Lyontek Inc. LY61L5128ML-10LLIT Datasheet HTML 8Page - Lyontek Inc. LY61L5128ML-10LLIT Datasheet HTML 9Page - Lyontek Inc. LY61L5128ML-10LLIT Datasheet HTML 10Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LY61L5128
Rev. 2.4
512K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25℃
5. 1mA for special request
6. 50µA for special request
CAPACITANCE (TA = 25 , f
= 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
8
pF
Input/Output Capacitance
CI/O
-
10
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0.2V to VCC -0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -8mA/16mA
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
PARAMETER
SYM.
LY61L5128
-10
LY61L5128
-12
LY61L5128
-15
LY61L5128
-20
LY61L5128
-25
UNIT
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
Read Cycle Time
tRC
10
-
12
-
15
-
20
-
25
-
ns
Address Access Time
tAA
-
10
-
12
-
15
-
20
-
25
ns
Chip Enable Access Time
tACE
-
10
-
12
-
15
-
20
-
25
ns
Output Enable Access Time
tOE
-
5
-
6-
7-8
-
9
ns
Chip Enable to Output in Low-Z
tCLZ*
2
-
3
-4-4-
4
-
ns
Output Enable to Output in Low-Z
tOLZ*
0
-
0
-0-0-
0
-
ns
Chip Disable to Output in High-Z
tCHZ*
-
5
-
6-
7-8
-
9
ns
Output Disable to Output in High-Z
tOHZ*
-
5
-
6-
7-8
-
9
ns
Output Hold from Address Change
tOH
3
-
3
-3-3-
3
-
ns
(2) WRITE CYCLE
PARAMETER
SYM.
LY61L5128
-10
LY61L5128
-12
LY61L5128
-15
LY61L5128
-20
LY61L5128
-25
UNIT
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
Write Cycle Time
tWC
10
-
12
-
15
-
20
-
25
-
ns
Address Valid to End of Write
tAW
8
-
10
-
12
-
16
-
20
-
ns
Chip Enable to End of Write
tCW
8
-
10
-
12
-
16
-
20
-
ns
Address Set-up Time
tAS
0
-
0
-0-0-
0
-
ns
Write Pulse Width
tWP
8
-
9
-
10
-
11
-
12
-
ns
Write Recovery Time
tWR
0
-
0
-0-0-
0
-
ns
Data to Write Time Overlap
tDW
6
-
7
-8-9-
10
-
ns
Data Hold from End of Write Time
tDH
0
-
0
-0-0-
0
-
ns
Output Active from End of Write
tOW*
2
-
3
-4-5-
6
-
ns
Write to Output in High-Z
tWHZ*
-
6
-
7
-
8
-
9
-
10
ns
*These parameters are guaranteed by device characterization, but not production tested.


Similar Part No. - LY61L5128ML-10LLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L5128ML LYONTEK-LY61L5128ML Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L5128ML-10LLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L5128 LYONTEK-LY61L5128_17 Datasheet
637Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128 Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128_1008 LYONTEK-LY615128_1008 Datasheet
160Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128 LYONTEK-LY615128 Datasheet
154Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128 LYONTEK-LY615128_17 Datasheet
679Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Lyontek Inc.
LY61L51332A LYONTEK-LY61L51332A_17 Datasheet
781Kb / 13P
   512K X 32 BIT HIGH SPEED CMOS SRAM
LY61L51216A LYONTEK-LY61L51216A_13 Datasheet
300Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com