Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L1024SL-70LLI Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY62L1024SL-70LLI
Description  128K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L1024SL-70LLI Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY62L1024SL-70LLI Datasheet HTML 7Page - Lyontek Inc. LY62L1024SL-70LLI Datasheet HTML 8Page - Lyontek Inc. LY62L1024SL-70LLI Datasheet HTML 9Page - Lyontek Inc. LY62L1024SL-70LLI Datasheet HTML 10Page - Lyontek Inc. LY62L1024SL-70LLI Datasheet HTML 11Page - Lyontek Inc. LY62L1024SL-70LLI Datasheet HTML 12Page - Lyontek Inc. LY62L1024SL-70LLI Datasheet HTML 13Page - Lyontek Inc. LY62L1024SL-70LLI Datasheet HTML 14Page - Lyontek Inc. LY62L1024SL-70LLI Datasheet HTML 15Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LY62L1024
Rev. 1.6
128K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
10
®
32 pin 600 mil P-DIP Package Outline Dimension
Note : D/E1/S dimension do not include mold flash.
UNIT
SYM.
INCH(BASE)
MM(REF)
A1
0.015(MIN)
0.381(MIN)
A2
0.155±0.005
3.937±0.127
B
0.018±0.005
0.457±0.127
D
1.650±0.01
41.910±0.254
E
0.600±0.010
15.240±0.254
E1
0.545±0.005
13.843±0.127
e
0.100(TYP)
2.540(TYP)
eB
0.650±0.020
16.510±0.508.
L
0.158±0.043
4.013±1.092
S
0.075±0.010
1.905±0.254
Q1
0.070±0.005
1.778±0.127


Similar Part No. - LY62L1024SL-70LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L1024SL LYONTEK-LY62L1024SL Datasheet
237Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L1024SL-70LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024 Datasheet
237Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008 ALSC-AS6C1008 Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com