Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA032P1-00 Datasheet(PDF) 2 Page - Alpha Industries

Part # AA032P1-00
Description  30-36 GHz GaAs MMIC Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA032P1-00 Datasheet(HTML) 2 Page - Alpha Industries

  AA032P1-00 Datasheet HTML 1Page - Alpha Industries AA032P1-00 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30–36 GHz GaAs MMIC Power Amplifier
AA032P1-00
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 12/99A
Typical Small Signal Performance
S-Parameters (VDS = 6 V)
0
5
10
15
-5
-15
-10
-20
-25
-35
-30
26 27 28 29
31 32 33
35 36 37
30
34
38
Frequency (GHz)
S21
S22
S11
S12
7 8 9 10 11 12
14 15
17 18
20 21
13
PIN (dBm)
Typical Output Power Compression
16
19
22
16
17
18
19
20
21
22
23
24
25
26
27
28
POUT 28 GHz
POUT 31 GHz
POUT 35 GHz
Typical Performance Data
Bias Arrangement
Detail A
SEE
DETAIL A
RF IN
RF OUT
VG
G
D
D
D
D
D
D
G
G
G
G
G
VD
VG
VD
D
G
VG = -1 V
VDS = 6 V
.01
µF 50 pF
.01
µF
50 pF
RF OUT
RF IN
Circuit Schematic
The AA032P1-00 can be biased from either or both sides for both gate and
drain biases.
For biasing on, adjust VGS from zero to approximately -1 V. Adjust VDS from
zero to the desired value (4 V–6 V recommended). Adjust VGS to achieve the
desired IDS (400 mA recommended). For biasing off, reverse the biasing on
procedure.


Similar Part No. - AA032P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA032P1-A4 ALPHA-AA032P1-A4 Datasheet
649Kb / 4P
   29-32 GHz Surface Mount Medium Power Amplifier
More results

Similar Description - AA032P1-00

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA038P1-00 SKYWORKS-AA038P1-00 Datasheet
76Kb / 2P
   36-39 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263 HITTITE-HMC263_07 Datasheet
231Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
HMC263LP4 HITTITE-HMC263LP4_09 Datasheet
272Kb / 1P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
logo
Alpha Industries
AA035N1-00 ALPHA-AA035N1-00 Datasheet
173Kb / 3P
   28-36 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com