Electronic Components Datasheet Search |
|
LY62L12916LL-55SLIT Datasheet(PDF) 2 Page - Lyontek Inc. |
|
LY62L12916LL-55SLIT Datasheet(HTML) 2 Page - Lyontek Inc. |
2 / 17 page LY62L12916 Rev. 1.0 128K X 16 BIT LOW POWER CMOS SRAM Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 1 ® FEATURES Fast access time : 45/55/70ns Low power consumption: Operating current : 23/20/18mA (TYP.) Standby current : 1 μA (TYP.) LL/SL -version Single 2.7V ~ 3.6V power supply All inputs and outputs TTL compatible Fully static operation Tri-state output Data byte control : LB# (DQ0 ~ DQ7) UB# (DQ8 ~ DQ15) Data retention voltage : 1.5V (MIN.) Green package available Package : 44-pin 400 mil TSOP-II 48-pin 12mm x 20mm TSOP-I 48-ball 6mm x 8mm TFBGA GENERAL DESCRIPTION The LY62L12916 is a 2,097,152-bit low power CMOS static random access memory organized as 131,072 words by 16 bits. It is fabricated using very high performance, high reliability CMOS technology. Its standby current is stable within the range of operating temperature. The LY62L12916 is well designed for low power application, and particularly well suited for battery back-up nonvolatile memory application. The LY62L12916 operates from a single power supply of 2.7V ~ 3.6V and all inputs and outputs are fully TTL compatible PRODUCT FAMILY Product Family Operating Temperature Vcc Range Speed Power Dissipation Standby(ISB1,TYP.) Operating(Icc,TYP.) LY62L12916 0 ~ 70℃ 2.7 ~ 3.6V 45/55/70ns 1µA 23/20/18mA LY62L12916(E) -20 ~ 80℃ 2.7 ~ 3.6V 45/55/70ns 1µA 23/20/18mA LY62L12916(I) -40 ~ 85℃ 2.7 ~ 3.6V 45/55/70ns 1µA 23/20/18mA FUNCTIONAL BLOCK DIAGRAM CONTROL CIRCUIT CE# CE2 WE# DECODER 128Kx16 MEMORY ARRAY COLUMN I/O A0-A16 Vcc Vss DQ8-DQ15 Upper Byte DQ0-DQ7 Lower Byte I/O DATA CIRCUIT OE# LB# UB# PIN DESCRIPTION SYMBOL DESCRIPTION A0 – A16 Address Inputs DQ0 – DQ15 Data Inputs/Outputs CE#,CE2 Chip Enable Input WE# Write Enable Input OE# Output Enable Input LB# Lower Byte Control UB# Upper Byte Control VCC Power Supply VSS Ground |
Similar Part No. - LY62L12916LL-55SLIT |
|
Similar Description - LY62L12916LL-55SLIT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |