Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8122E Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK8122E
Description  Differential Zero Delay Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8122E Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK8122E Datasheet HTML 1Page - Asahi Kasei Microsystems AK8122E Datasheet HTML 2Page - Asahi Kasei Microsystems AK8122E Datasheet HTML 3Page - Asahi Kasei Microsystems AK8122E Datasheet HTML 4Page - Asahi Kasei Microsystems AK8122E Datasheet HTML 5Page - Asahi Kasei Microsystems AK8122E Datasheet HTML 6Page - Asahi Kasei Microsystems AK8122E Datasheet HTML 7Page - Asahi Kasei Microsystems AK8122E Datasheet HTML 8Page - Asahi Kasei Microsystems AK8122E Datasheet HTML 9Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ASAHI KASEI EMD CORPORATION
MS0971-E-00
Dec-10
- 1 -
Differential Zero Delay
Clock Buffer
AK8122
Features
Operational Frequency Range:
160MHz – 400MHz
Output delay:
-30 ±100ps
Low Jitter Performance:
20 ps (Period RMS 190 – 360MHz)
30 ps (cycle – cycle RMS 190 – 360MHz)
70 ps (Half Period RMS 190 – 250MHz)
60 ps (Half Period RMS 250 – 300MHz)
40 ps (Half Period RMS 300 – 360MHz)
Supply Voltage:
1.8 ±0.1V
Operating Temperature Range:
-20 to +85℃ : AK8122E
-40 to +85℃ : AK8122V
Package:
8-pin MSOP(Lead Free)
Description
The AK8122 is a high performance differential zero
delay clock buffer IC with Phase Locked Loop
(PLL). Target application is DDR2 SDRAM and
characteristics of these ICs are acceptable to
standards of JEDEC.
Applications
DDR2 SDRAM Clock Buffer
Block Diagram
AK8122 Differential Zero Delay Clock Buffer
CLKP
VDD
VSS
OUTP
OUTN
CLKN
TSTI
(VSS)
TSTO
(VDD)
FBINP
FBINN
BIAS
C
P
L
P
F
V
C
O
P
F
C
1/2


Similar Part No. - AK8122E

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8122E AKM-AK8122E Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
More results

Similar Description - AK8122E

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8122 AKM-AK8122 Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
AK8122V AKM-AK8122V Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com