Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L2568SL-70SLE Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY62L2568SL-70SLE
Description  256K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L2568SL-70SLE Datasheet(HTML) 1 Page - Lyontek Inc.

  LY62L2568SL-70SLE Datasheet HTML 1Page - Lyontek Inc. LY62L2568SL-70SLE Datasheet HTML 2Page - Lyontek Inc. LY62L2568SL-70SLE Datasheet HTML 3Page - Lyontek Inc. LY62L2568SL-70SLE Datasheet HTML 4Page - Lyontek Inc. LY62L2568SL-70SLE Datasheet HTML 5Page - Lyontek Inc. LY62L2568SL-70SLE Datasheet HTML 6Page - Lyontek Inc. LY62L2568SL-70SLE Datasheet HTML 7Page - Lyontek Inc. LY62L2568SL-70SLE Datasheet HTML 8Page - Lyontek Inc. LY62L2568SL-70SLE Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LY62L2568
Rev. 1.5
256K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Jul.25.2004
Rev. 1.1
Adding PKG type : 32 SOP
Mar.3.2006
Rev. 1.2
Adding PKG type : 32 P-DIP
Revised Test Condition of ISB1/IDR
May.14.2007
Rev. 1.3
Deleted L grade
Added SL grade
Added ISB1/IDR values when TA = 25℃ and TA = 40℃
Revised FEATURES & ORDERING INFORMATION Lead free
and green package available
to Green package available
Added packing type in ORDERING INFORMATION
Revised VTERM to VT1 and VT2
Deleted TSOLDER in ABSOLUTE MAXIMUN RATINGS
Mar.30.2009
Rev. 1.4
Rev. 1.5
Revised PACKAGE OUTLINE DIMENSION in page 10/11/12/13
Revised ORDERING INFORMATION in page 14
Revised PACKAGE OUTLINE DIMENSION in page 9
May.7.2010
Aug.25.2010


Similar Part No. - LY62L2568SL-70SLE

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L2568SL-70SLE

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C2008 ALSC-AS6C2008 Datasheet
3Mb / 13P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568 Datasheet
222Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_16 Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com