Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L6416ML-45LLET Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY62L6416ML-45LLET
Description  64K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L6416ML-45LLET Datasheet(HTML) 4 Page - Lyontek Inc.

  LY62L6416ML-45LLET Datasheet HTML 1Page - Lyontek Inc. LY62L6416ML-45LLET Datasheet HTML 2Page - Lyontek Inc. LY62L6416ML-45LLET Datasheet HTML 3Page - Lyontek Inc. LY62L6416ML-45LLET Datasheet HTML 4Page - Lyontek Inc. LY62L6416ML-45LLET Datasheet HTML 5Page - Lyontek Inc. LY62L6416ML-45LLET Datasheet HTML 6Page - Lyontek Inc. LY62L6416ML-45LLET Datasheet HTML 7Page - Lyontek Inc. LY62L6416ML-45LLET Datasheet HTML 8Page - Lyontek Inc. LY62L6416ML-45LLET Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LY62L6416
Rev. 1.4
64K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
3
®
TRUTH TABLE
MODE
CE#
OE#
WE# LB#
UB#
I/O OPERATION
SUPPLY CURRENT
DQ0-DQ7
DQ8-DQ15
Standby
H
X
X
X
X
X
X
H
X
H
High – Z
High – Z
High – Z
High – Z
ISB,ISB1
Output Disable
L
L
H
H
H
H
L
X
X
L
High – Z
High – Z
High – Z
High – Z
ICC,ICC1
Read
L
L
L
L
L
L
H
H
H
L
H
L
H
L
L
DOUT
High – Z
DOUT
High – Z
DOUT
DOUT
ICC,ICC1
Write
L
L
L
X
X
X
L
L
L
L
H
L
H
L
L
DIN
High – Z
DIN
High – Z
DIN
DIN
ICC,ICC1
Note:
H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
2.7
3.0
3.6
V
Input High Voltage
VIH
*1
2.2
-
VCC+0.3
V
Input Low Voltage
VIL
*2
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.2
2.7
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL , II/O = 0mA
Other pins at VIL or VIH
-45
-
23
40
mA
-55
-
20
35
mA
- 70
-
18
30
mA
ICC1
Cycle time = 1µs
CE# = 0.2V , II/O = 0mA
Other pins at 0.2V or VCC - 0.2V
-
4
5
mA
Standby Power
Supply Current
ISB
CE# = VIH, other pins at VIL or VIH
-
0.3
0.5
mA
ISB1
CE#
V
CC - 0.2V
Others at 0.2V or
VCC - 0.2V
LL
-
1
10
µA
LLE/LLI
-
1
20
µA
SL
*5
SLE
*5
SLI
*5
25℃
-
1
3
µA
40℃
-
1
3
µA
SL
-
1
10
µA
SLE/SLI
-
1
15
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃
5. This parameter is measured at VCC = 3.0V


Similar Part No. - LY62L6416ML-45LLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L6416ML-45LLET LYONTEK-LY62L6416ML-45LLET Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L6416ML-45LLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416 LYONTEK-LY626416_16 Datasheet
701Kb / 16P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C1016 ETC2-AS6C1016 Datasheet
449Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_17 Datasheet
796Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L6416 ETC1-UT62L6416 Datasheet
193Kb / 12P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY626416 LYONTEK-LY626416 Datasheet
179Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com