Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L5128LL-55LLE Datasheet(PDF) 10 Page - Lyontek Inc.

Part # LY62L5128LL-55LLE
Description  512K X 8 BIT LOW POWER CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L5128LL-55LLE Datasheet(HTML) 10 Page - Lyontek Inc.

Back Button LY62L5128LL-55LLE Datasheet HTML 6Page - Lyontek Inc. LY62L5128LL-55LLE Datasheet HTML 7Page - Lyontek Inc. LY62L5128LL-55LLE Datasheet HTML 8Page - Lyontek Inc. LY62L5128LL-55LLE Datasheet HTML 9Page - Lyontek Inc. LY62L5128LL-55LLE Datasheet HTML 10Page - Lyontek Inc. LY62L5128LL-55LLE Datasheet HTML 11Page - Lyontek Inc. LY62L5128LL-55LLE Datasheet HTML 12Page - Lyontek Inc. LY62L5128LL-55LLE Datasheet HTML 13Page - Lyontek Inc. LY62L5128LL-55LLE Datasheet HTML 14Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LY62L5128
Rev. 1.12
512K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
PACKAGE OUTLINE DIMENSION
32 pin 450 mil SOP Package Outline Dimension
UNIT
SYM.
INCH.(BASE)
MM(REF)
A
0.120(MAX)
3.048(MAX)
A1
0.004(MIN)
0.102(MIN)
A2
0.116(MAX)
2.946(MAX)
b
0.016(TYP)
0.406(TYP)
c
0.008(TYP)
0.203(TYP)
D
0.817(MAX)
20.75(MAX)
E
0.445±0.006
11.303±0.152
E1
0.555±0.025
14.097±0.635
e
0.050(TYP)
1.270(TYP)
L
0.033±0.017
0.838±0.432
L1
0.055±0.008
1.397±0.203
S
0.026(MAX)
0.660(MAX)
y
0.004(MAX)
0.101(MAX)
Θ
0
o -10o
0
o -10o


Similar Part No. - LY62L5128LL-55LLE

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L5128LL LYONTEK-LY62L5128LL Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L5128LL-55LLE

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_12 Datasheet
309Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008_V01 Datasheet
722Kb / 14P
   512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY625128 LYONTEK-LY625128 Datasheet
249Kb / 18P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com