Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L102616ALL-70SLT Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY62L102616ALL-70SLT
Description  16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L102616ALL-70SLT Datasheet(HTML) 2 Page - Lyontek Inc.

  LY62L102616ALL-70SLT Datasheet HTML 1Page - Lyontek Inc. LY62L102616ALL-70SLT Datasheet HTML 2Page - Lyontek Inc. LY62L102616ALL-70SLT Datasheet HTML 3Page - Lyontek Inc. LY62L102616ALL-70SLT Datasheet HTML 4Page - Lyontek Inc. LY62L102616ALL-70SLT Datasheet HTML 5Page - Lyontek Inc. LY62L102616ALL-70SLT Datasheet HTML 6Page - Lyontek Inc. LY62L102616ALL-70SLT Datasheet HTML 7Page - Lyontek Inc. LY62L102616ALL-70SLT Datasheet HTML 8Page - Lyontek Inc. LY62L102616ALL-70SLT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LY62L102616A
Rev. 1.1
16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 55/70ns
Low power consumption:
Operating current : 45/30mA (TYP.)
Standby current : 4
μA (TYP.) SL-version
Single 2.7V ~ 3.6V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control :
(i) BYTE# fixed to VCC
LB# controlled DQ0 ~ DQ7
UB# controlled DQ8 ~ DQ15
(ii) BYTE# fixed to VSS
DQ15 used as address pin, while
DQ8~DQ14 pins not used
Data retention voltage : 1.2V (MIN.)
Green package available
Package : 48-pin 12mm x 20mm TSOP-I
GENERAL DESCRIPTION
The LY62L102616A is a 16,777,216-bit low power
CMOS static random access memory organized as
1,048,576 words by 16 bits or 2,097,152 words by 8
bits. It is fabricated using very high performance,
high reliability CMOS technology. Its standby current
is stable within the range of operating temperature.
The LY62L102616A is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY62L102616A operates from a single
power supply of 2.7V ~ 3.6V and all inputs and
outputs are fully TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY62L102616A
0 ~ 70℃
2.7 ~ 3.6V
55/70ns
4µA(SL)
45/30mA
LY62L102616A(I)
-40 ~ 85℃
2.7 ~ 3.6V
55/70ns
4µA(SL)
45/30mA


Similar Part No. - LY62L102616ALL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L102616A LYONTEK-LY62L102616A_17 Datasheet
720Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
More results

Similar Description - LY62L102616ALL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L102616A LYONTEK-LY62L102616A_17 Datasheet
720Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
LY62L102616 LYONTEK-LY62L102616_17 Datasheet
715Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable ) LOW POWER CMOS SRAM
LY62102616 LYONTEK-LY62102616_17 Datasheet
731Kb / 13P
   16M Bits(1Mx16/2Mx8 Switchable) LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1616-55TINL ALSC-AS6C1616-55TINL Datasheet
421Kb / 11P
   16M Bits LOW POWER CMOS SRAM
logo
Fujitsu Component Limit...
MBM29DL161BE FUJITSU-MBM29DL161BE Datasheet
1Mb / 75P
   16M (2MX8/1MX16) BIT Dual Operation
logo
Lyontek Inc.
LY62L205016A LYONTEK-LY62L205016A_17 Datasheet
675Kb / 13P
   32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
LY62L205016B LYONTEK-LY62L205016B_17 Datasheet
651Kb / 13P
   32M Bits(2Mx16/4Mx8 Switchable) LOW POWER CMOS SRAM
LY62L205016A LYONTEK-LY62L205016A_13 Datasheet
206Kb / 13P
   32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C3216 ALSC-AS6C3216 Datasheet
442Kb / 13P
   32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
logo
Macronix International
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com