Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHP-5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XHP-5
Description  Disconnectable Crimp style connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XHP-5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XHP-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers XHP-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers XHP-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers XHP-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers XHP-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers XHP-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers XHP-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers XHP-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers XHP-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
96
96
96
XH CONNECTOR
Contact –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Material and Finish
Model No.
Applicable Wire
Q'ty /
reel
mm2
AWG#
Insulation O.D mm(in.)
Phosphor bronze, tin-plated
SXH-001T-P0.6N
SXH-001T-P0.6
SXH-002T-P0.6
0.13 to 0.33
0.08 to 0.33
0.05 to 0.13
26 to 22
28 to 22
30 to 26
1.3 to 1.9(.051 to .075)
1.2 to 1.9(.047 to .075)
0.9 to 1.3(.035 to .051)
5,000
8,000
Shape
A
B
Housing –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Circuits
Model No.
Dimensions mm(in.)
Q'ty / bag
AC
Material
Nylon 6, UL94V-0, natural (white)
B
1
2
2
3
4
5
6
6
7
8
9
10
11
12
13
14
15
16
20
XHP- 1
XHP- 2
XHP- 2(10.0)-U
XHP- 3
XHP- 4
XHP- 5
XHP- 6
XHP- 6(5.0)-U
XHP- 7
XHP- 8
XHP- 9
XHP-10
XHP-11
XHP-12
XHP-13
XHP-14
XHP-15
XHP-16
XHP-20
2.5(.098)
10.0(.394)
5.0(.197)
7.5(.295)
10.0(.394)
12.5(.492)
25.0(.984)
15.0(.591)
17.5(.689)
20.0(.787)
22.5(.886)
25.0(.984)
27.5(1.083)
30.0(1.181)
32.5(1.280)
35.0(1.378)
37.5(1.476)
47.5(1.870)
3.2( .126)
5.7( .224)
13.2( .520)
8.2( .323)
10.7( .421)
13.2( .520)
15.7( .618)
28.2(1.110)
18.2( .717)
20.7( .815)
23.2( .913)
25.7(1.012)
28.2(1.110)
30.7(1.209)
33.2(1.307)
35.7(1.406)
38.2(1.504)
40.7(1.602)
50.7(1.996)
4.8( .189)
7.3( .287)
14.8( .583)
9.8( .386)
12.3( .484)
14.8( .583)
17.3( .681)
29.8(1.173)
19.8( .780)
22.3( .878)
24.8( .976)
27.3(1.075)
29.8(1.173)
32.3(1.272)
34.8(1.370)
37.3(1.469)
39.8(1.567)
42.3(1.665)
52.3(2.059)
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
Note:
1. Contact JST if you require gold-plated contacts or contacts made of brass.
2. Contact JST also if you require shielded wires, thin wires or other
special wires.
3. SXH-001T-P0.6N is low-insertion force type contact, for easier insertion/
withdrawal, which would be less resistant to the vibration.
Note:
1. XHP-2(10.0)-U is 2 circuits 10.0mm(.394") pitch plugged up.
Not UL/CSA/TU
¨ V approved.
2. XHP-6(5.0)-U is 6 circuits 5.0mm(.197") pitch plugged up.
Not UL/CSA/TU
¨ V approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
XHP-1-oo-
(blank)…natural (white)
BK…black R…red E…blue Y…yellow L…lemon yellow
M…green D…orange N…brown FY…vivid yellow
<Plugged up type>
ex.
XHP-2(10.0)-U-oo-
(blank)…natural (white)
R…red E…blue
1.8(.071)
1.6(.063)
6.5(.256)
1.95(.077)
6.5(.256)
2.0(.079)
Shape A
Shape B
Plugged up
(2 circuits 10.0mm(.394") pitch)
(6 circuits 5.0mm(.197") pitch)
4.1(.161)
5.7(.224)
2.5
(.098)
A
B
C
Circuit No.1 mark
4.1(.161)
5.7(.224)
Circuit No.1 mark
A
B
C
4.1(.161)
5.7(.224)
Circuit No.1 mark
A
B
C


Similar Part No. - XHP-5

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
XHP-5 NEWHAVEN-XHP-5 Datasheet
229Kb / 9P
   XH CONNECTOR
logo
JST Mfg. Co., Ltd.
XHP-5 JST-XHP-5 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
XHP-5 JST-XHP-5 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
More results

Similar Description - XHP-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com