Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L51316LL-55I Datasheet(PDF) 8 Page - Lyontek Inc.

Part # LY62L51316LL-55I
Description  512K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L51316LL-55I Datasheet(HTML) 8 Page - Lyontek Inc.

Back Button LY62L51316LL-55I Datasheet HTML 4Page - Lyontek Inc. LY62L51316LL-55I Datasheet HTML 5Page - Lyontek Inc. LY62L51316LL-55I Datasheet HTML 6Page - Lyontek Inc. LY62L51316LL-55I Datasheet HTML 7Page - Lyontek Inc. LY62L51316LL-55I Datasheet HTML 8Page - Lyontek Inc. LY62L51316LL-55I Datasheet HTML 9Page - Lyontek Inc. LY62L51316LL-55I Datasheet HTML 10Page - Lyontek Inc. LY62L51316LL-55I Datasheet HTML 11Page - Lyontek Inc. LY62L51316LL-55I Datasheet HTML 12Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LY62L51316
Rev. 1.6
512K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
7
WRITE CYCLE 3 (LB#,UB# Controlled) (1,2,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
LB#,UB#
tCW
tAS
tWP
tBW
CE#
Address
tWR
tAW
tWC
CE2
Notes :
1.WE#,CE#, LB#, UB# must be high or CE2 must be low during all address transitions.
2.A write occurs during the overlap of a low CE#, high CE2, low WE#, LB# or UB# = low.
3.During a WE# controlled write cycle with OE# low, tWP must be greater than tWHZ + tDW to allow the drivers to turn off and data to be
placed on the bus.
4.During this period, I/O pins are in the output state, and input signals must not be applied.
5.If the CE#, LB#, UB# low transition and CE2 high transition occurs simultaneously with or after WE# low transition, the outputs remain
in a high impedance state.
6.tOW and tWHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.


Similar Part No. - LY62L51316LL-55I

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L51316LL-55LL LYONTEK-LY62L51316LL-55LL Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316LL-55LLI LYONTEK-LY62L51316LL-55LLI Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316LL-55LLIT LYONTEK-LY62L51316LL-55LLIT Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316LL-55LLT LYONTEK-LY62L51316LL-55LLT Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316LL-55SL LYONTEK-LY62L51316LL-55SL Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L51316LL-55I

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com