Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L25616ML-10LLI Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY61L25616ML-10LLI
Description  256K X 16 BIT HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L25616ML-10LLI Datasheet(HTML) 2 Page - Lyontek Inc.

  LY61L25616ML-10LLI Datasheet HTML 1Page - Lyontek Inc. LY61L25616ML-10LLI Datasheet HTML 2Page - Lyontek Inc. LY61L25616ML-10LLI Datasheet HTML 3Page - Lyontek Inc. LY61L25616ML-10LLI Datasheet HTML 4Page - Lyontek Inc. LY61L25616ML-10LLI Datasheet HTML 5Page - Lyontek Inc. LY61L25616ML-10LLI Datasheet HTML 6Page - Lyontek Inc. LY61L25616ML-10LLI Datasheet HTML 7Page - Lyontek Inc. LY61L25616ML-10LLI Datasheet HTML 8Page - Lyontek Inc. LY61L25616ML-10LLI Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LY61L25616
Rev. 2.3
256K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 10/12/15/20/25ns
Very low power consumption:
Operating current:
180/160/140/80/70mA(MAX.)
Standby current:
12mA(MAX. for 10/12/15ns)
5mA(MAX. for 20/25ns)
100µA( (MAX. for 20/25ns LL version)
Single 3.3V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 2.0V (MIN.)
Green package available
Package : 44-pin 400 mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY61L25616 is a 4,194,304-bit low power
CMOS static random access memory organized as
262,144 words by 16 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The LY61L25616 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY61L25616 operates from a single power
supply of 3.3V and all inputs and outputs are fully
TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,MAX.)
Operating(Icc,MAX.)
LY61L25616
0 ~ 70℃
3.15/3.0 ~ 3.6V
10/12/15ns
12mA
180/160/140mA
LY61L25616(E)
-20 ~ 80℃
3.15/3.0 ~ 3.6V
10/12/15ns
12mA
180/160/140mA
LY61L25616(I)
-40 ~ 85℃
3.15/3.0 ~ 3.6V
10/12/15ns
12mA
180/160/140mA
LY61L25616
0 ~ 70℃
3.0 ~ 3.6V
20/25ns
5mA
80/70mA
LY61L25616(E)
-20 ~ 80℃
3.0 ~ 3.6V
20/25ns
5mA
80/70mA
LY61L25616(I)
-40 ~ 85℃
3.0 ~ 3.6V
20/25ns
5mA
80/70mA
LY61L25616(LL)
0 ~ 70℃
3.0 ~ 3.6V
20/25ns
100µA
80/70mA
LY61L25616(LLE) -20 ~ 80℃
3.0 ~ 3.6V
20/25ns
100µA
80/70mA
LY61L25616(LLI) -40 ~ 85℃
3.0 ~ 3.6V
20/25ns
100µA
80/70mA


Similar Part No. - LY61L25616ML-10LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L25616ML LYONTEK-LY61L25616ML Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L25616ML-10LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568 LYONTEK-LY61L2568_13 Datasheet
215Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568A LYONTEK-LY61L2568A_12 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com