Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L25616AML-10IT Datasheet(PDF) 6 Page - Lyontek Inc.

Part # LY61L25616AML-10IT
Description  256K X 16 BIT HIGH SPEED CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L25616AML-10IT Datasheet(HTML) 6 Page - Lyontek Inc.

Back Button LY61L25616AML-10IT Datasheet HTML 2Page - Lyontek Inc. LY61L25616AML-10IT Datasheet HTML 3Page - Lyontek Inc. LY61L25616AML-10IT Datasheet HTML 4Page - Lyontek Inc. LY61L25616AML-10IT Datasheet HTML 5Page - Lyontek Inc. LY61L25616AML-10IT Datasheet HTML 6Page - Lyontek Inc. LY61L25616AML-10IT Datasheet HTML 7Page - Lyontek Inc. LY61L25616AML-10IT Datasheet HTML 8Page - Lyontek Inc. LY61L25616AML-10IT Datasheet HTML 9Page - Lyontek Inc. LY61L25616AML-10IT Datasheet HTML 10Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LY61L25616A
Rev. 1.4
256K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
5
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP. *4
MAX.
UNIT
Supply Voltage
VCC
-8
3.0
3.3
3.6
V
-10/-12
2.7
3.3
3.6
V
Input High Voltage
VIH*1
2.2
-
VCC+0.3
V
Input Low Voltage
VIL*2
- 0.3
-
0.8
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -4mA
2.4
-
-
V
Output Low Voltage
VOL
IOL = 8mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL, II/O = 0mA,
Others at VIL or VIH
-8
-
65
80
mA
-10
-
50
70
mA
-12
-
45
60
mA
ICC1
CE# ≦0.2,
Others at 0.2V or Vcc-0.2V
II/O = 0mA;f=max
-8
-
50
60
mA
-10
-
40
55
mA
-12
-
35
50
mA
Standby Power
Supply Current
ISB
CE# =VIH, Others at VIL or VIH
--
30
mA
ISB1
CE# ≧VCC - 0.2V,
Others at 0.2V or VCC - 0.2V
-
2
10
mA
Notes:
1. VIH(max) = VCC + 2.0V for pulse width less than 6ns.
2. VIL(min) = VSS - 2.0V for pulse width less than 6ns.
3. Over/Undershoot specifications are characterized on engineering evaluation stage, not for mass production test.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25℃
CAPACITANCE (TA = 25℃, f = 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
8
pF
Input/Output Capacitance
CI/O
-
10
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Speed
8/10/12ns
Input Pulse Levels
0.2V to VCC -0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -4mA/8mA


Similar Part No. - LY61L25616AML-10IT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L25616AML-10IT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_12 Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568 LYONTEK-LY61L2568_13 Datasheet
215Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568A LYONTEK-LY61L2568A_12 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com