Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L1288WL-10 Datasheet(PDF) 8 Page - Lyontek Inc.

Part # LY61L1288WL-10
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L1288WL-10 Datasheet(HTML) 8 Page - Lyontek Inc.

Back Button LY61L1288WL-10 Datasheet HTML 4Page - Lyontek Inc. LY61L1288WL-10 Datasheet HTML 5Page - Lyontek Inc. LY61L1288WL-10 Datasheet HTML 6Page - Lyontek Inc. LY61L1288WL-10 Datasheet HTML 7Page - Lyontek Inc. LY61L1288WL-10 Datasheet HTML 8Page - Lyontek Inc. LY61L1288WL-10 Datasheet HTML 9Page - Lyontek Inc. LY61L1288WL-10 Datasheet HTML 10Page - Lyontek Inc. LY61L1288WL-10 Datasheet HTML 11Page - Lyontek Inc. LY61L1288WL-10 Datasheet HTML 12Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LY61L1288
Rev. 1.5
128K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
7
®
DATA RETENTION CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VCC for Data Retention
VDR
CE#
V
CC
- 0.2V
2.0
-
3.6
V
Data Retention Current
IDR
VCC = 2.0V
CE#
V
CC - 0.2V
others at 0.2V or VCC - 0.2V
-
0.4
2
mA
Chip Disable to Data
Retention Time
tCDR
See Data Retention
Waveforms (below)
0
-
-
ns
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
DATA RETENTION WAVEFORM
Vcc
CE#
VDR ≧ 2.0V
CE#
V
cc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)


Similar Part No. - LY61L1288WL-10

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288E LYONTEK-LY61L1288E Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288I LYONTEK-LY61L1288I Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288RL LYONTEK-LY61L1288RL Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288RV LYONTEK-LY61L1288RV Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L1288WL-10

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com