Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSC107M035R0100 Datasheet(PDF) 8 Page - AVX Corporation

Part # TPSC107M035R0100
Description  Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107M035R0100 Datasheet(HTML) 8 Page - AVX Corporation

Back Button TPSC107M035R0100 Datasheet HTML 3Page - AVX Corporation TPSC107M035R0100 Datasheet HTML 4Page - AVX Corporation TPSC107M035R0100 Datasheet HTML 5Page - AVX Corporation TPSC107M035R0100 Datasheet HTML 6Page - AVX Corporation TPSC107M035R0100 Datasheet HTML 7Page - AVX Corporation TPSC107M035R0100 Datasheet HTML 8Page - AVX Corporation TPSC107M035R0100 Datasheet HTML 9Page - AVX Corporation TPSC107M035R0100 Datasheet HTML 10Page - AVX Corporation TPSC107M035R0100 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SEPTEMBER 2013
I 53
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSD476*016#0100
D
47
16
7.5
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD476*016#0150
D
47
16
7.5
6
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSD476*016#0200
D
47
16
7.5
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSW476*016#0200
W
47
16
7.5
6
200
1
0.671
0.604
0.268
0.134
0.121
0.054
TPSX476*016#0180
X
47
16
7.5
6
180
1
1)
0.745
0.671
0.298
0.134
0.121
0.054
TPSY476*016#0250
Y
47
16
7.5
6
250
1
1)
0.707
0.636
0.283
0.177
0.159
0.071
TPSC686*016#0125
C
68
16
10.9
6
125
1
0.938
0.844
0.375
0.117
0.106
0.047
TPSC686*016#0200
C
68
16
10.9
6
200
1
0.742
0.667
0.297
0.148
0.133
0.059
TPSD686*016#0070
D
68
16
10.9
6
70
1
1.464
1.317
0.586
0.102
0.092
0.041
TPSD686*016#0100
D
68
16
10.9
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD686*016#0150
D
68
16
10.9
6
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSF686*016#0200
F
68
16
10.9
10
200
1
0.707
0.636
0.283
0.141
0.127
0.057
TPSX686*016#0150
X
68
16
10.9
8
150
1
1)
0.816
0.735
0.327
0.122
0.110
0.049
TPSY686*016#0150
Y
68
16
10.9
6
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSY686*016#0200
Y
68
16
10.9
6
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSY686*016#0250
Y
68
16
10.9
6
250
1
1)
0.707
0.636
0.283
0.177
0.159
0.071
TPSC107*016#0200
C
100
16
16
8
200
1
0.742
0.667
0.297
0.148
0.133
0.059
TPSD107*016#0060
D
100
16
16
6
60
1
1.581
1.423
0.632
0.095
0.085
0.038
TPSD107*016#0100
D
100
16
16
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD107*016#0125
D
100
16
16
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSD107*016#0150
D
100
16
16
6
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSE107*016#0055
E
100
16
16
6
55
1
1)
1.732
1.559
0.693
0.095
0.086
0.038
TPSE107*016#0100
E
100
16
16
6
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE107*016#0125
E
100
16
16
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE107*016#0150
E
100
16
16
6
150
1
1)
1.049
0.944
0.420
0.157
0.142
0.063
TPSF107M016#0150
F
100
16
16
10
150
1
0.816
0.735
0.327
0.122
0.110
0.049
TPSF107M016#0200
F
100
16
16
10
200
1
0.707
0.636
0.283
0.141
0.127
0.057
TPSY107*016#0100
Y
100
16
16
8
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSY107*016#0150
Y
100
16
16
8
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSY107*016#0200
Y
100
16
16
8
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSD157*016#0060
D
150
16
24
6
60
1
1.581
1.423
0.632
0.095
0.085
0.038
TPSD157*016#0085
D
150
16
24
6
85
1
1.328
1.196
0.531
0.113
0.102
0.045
TPSD157*016#0100
D
150
16
24
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD157*016#0125
D
150
16
24
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSD157*016#0150
D
150
16
24
6
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSE157*016#0100
E
150
16
23
8
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSV157*016#0045
V
150
16
24
8
45
1
1)
2.357
2.121
0.943
0.106
0.095
0.042
TPSV157*016#0075
V
150
16
24
8
75
1
1)
1.826
1.643
0.730
0.137
0.123
0.055
TPSY157M016#0200
Y
150
16
24
15
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSE227*016#0100
E
220
16
35.2
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE227*016#0150
E
220
16
35.2
10
150
1
1)
1.049
0.944
0.420
0.157
0.142
0.063
TPSV227*016#0050
V
220
16
35.2
8
50
1
1)
2.236
2.012
0.894
0.112
0.101
0.045
TPSV227*016#0075
V
220
16
35.2
8
75
1
1)
1.826
1.643
0.730
0.137
0.123
0.055
TPSV227*016#0100
V
220
16
35.2
8
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
TPSV227*016#0150
V
220
16
35.2
8
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
TPSE337M016#0200
E
330
16
52.8
30
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
20 Volt @ 85ºC (13 Volt @ 125ºC)
TPSA105*020#3000
A
1
20
0.5
4
3000
1
0.158
0.142
0.063
0.474
0.427
0.190
TPSR105*020#6000
R
1
20
0.5
4
6000
1
0.096
0.086
0.038
0.574
0.517
0.230
TPSS105*020#6000
S
1
20
0.5
4
6000
1
0.104
0.094
0.042
0.624
0.562
0.250
TPST105*020#2000
T
1
20
0.5
4
2000
1
0.200
0.180
0.080
0.400
0.360
0.160
TPSA155*020#3000
A
1.5
20
0.5
6
3000
1
0.158
0.142
0.063
0.474
0.427
0.190
TPSA225*020#3000
A
2.2
20
0.5
6
3000
1
0.158
0.142
0.063
0.474
0.427
0.190
TPSB225*020#1700
B
2.2
20
0.5
6
1700
1
0.224
0.201
0.089
0.380
0.342
0.152
TPSA335*020#2500
A
3.3
20
0.7
6
2500
1
0.173
0.156
0.069
0.433
0.390
0.173
TPSB335*020#1300
B
3.3
20
0.7
6
1300
1
0.256
0.230
0.102
0.332
0.299
0.133
TPSA475*020#1800
A
4.7
20
0.9
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPSB475*020#0750
B
4.7
20
0.9
6
750
1
0.337
0.303
0.135
0.252
0.227
0.101
TPSB475*020#1000
B
4.7
20
0.9
6
1000
1
0.292
0.262
0.117
0.292
0.262
0.117
TPSA685*020#1000
A
6.8
20
1.4
6
1000
1
0.274
0.246
0.110
0.274
0.246
0.110
TPSB685*020#0600
B
6.8
20
1.4
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSB685*020#1000
B
6.8
20
1.4
6
1000
1
0.292
0.262
0.117
0.292
0.262
0.117
TPSC685*020#0700
C
6.8
20
1.4
6
700
1
0.396
0.357
0.159
0.277
0.250
0.111
TPSB106*020#0500
B
10
20
2
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB106*020#1000
B
10
20
2
6
1000
1
0.292
0.262
0.117
0.292
0.262
0.117
TPSC106*020#0500
C
10
20
2
6
500
1
0.469
0.422
0.188
0.235
0.211
0.094
TPSC106*020#0700
C
10
20
2
6
700
1
0.396
0.357
0.159
0.277
0.250
0.111
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
For AEC-Q200 availability, please contact AVX.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TPSC107M035R0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107M035R0100 AVX-TPSC107M035R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107M035R0100 AVX-TPSC107M035R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107M035R0100 AVX-TPSC107M035R0100 Datasheet
159Kb / 11P
   Low ESR
TPSC107M035R0100 AVX-TPSC107M035R0100 Datasheet
146Kb / 11P
   Low ESR
TPSC107M035R0100 AVX-TPSC107M035R0100 Datasheet
146Kb / 11P
   Low ESR
More results

Similar Description - TPSC107M035R0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
TPSA106K010R1800 AVX-TPSA106K010R1800 Datasheet
169Kb / 12P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com