Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJC106M002ANJ Datasheet(PDF) 5 Page - AVX Corporation

Part # TAJC106M002ANJ
Description  Standard Tantalum
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC106M002ANJ Datasheet(HTML) 5 Page - AVX Corporation

  TAJC106M002ANJ Datasheet HTML 1Page - AVX Corporation TAJC106M002ANJ Datasheet HTML 2Page - AVX Corporation TAJC106M002ANJ Datasheet HTML 3Page - AVX Corporation TAJC106M002ANJ Datasheet HTML 4Page - AVX Corporation TAJC106M002ANJ Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAJ Series
Standard Tantalum
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
50 Volt @ 85ºC (33 Volt @ 125ºC)
TAJA104*050#NJ
A
0.1
50
0.5
4
22
1
TAJA154*050#NJ
A
0.15
50
0.5
4
15
1
TAJB154*050#NJ
B
0.15
50
0.5
4
17
1
TAJA224*050#NJ
A
0.22
50
0.5
4
18
1
TAJB224*050#NJ
B
0.22
50
0.5
4
14
1
TAJA334*050#NJ
A
0.33
50
0.5
4
17
1
TAJB334*050#NJ
B
0.33
50
0.5
4
12
1
TAJA474*050#NJ
A
0.47
50
0.5
4
9.5
1
TAJB474*050#NJ
B
0.47
50
0.7
4
9.5
1
TAJC474*050#NJ
C
0.47
50
0.5
4
8
1
TAJA684*050#NJ
A
0.68
50
0.5
4
7.9
1
TAJB684*050#NJ
B
0.68
50
0.5
4
8
1
TAJC684*050#NJ
C
0.68
50
0.5
4
7
1
TAJA105M050#NJ
A
1
50
0.5
4
6.6
1
TAJB105*050#NJ
B
1
50
0.5
6
7
1
TAJC105*050#NJ
C
1
50
0.5
4
5.5
1
TAJB155*050#NJ
B
1.5
50
0.8
8
5.4
1
TAJC155*050#NJ
C
1.5
50
0.8
6
4.5
1
TAJD155*050#NJ
D
1.5
50
0.8
6
4
1
TAJB225*050#NJ
B
2.2
50
1.1
8
4.5
1
TAJC225*050#NJ
C
2.2
50
1.1
8
2.5
1
TAJD225*050#NJ
D
2.2
50
1.1
6
2.5
1
TAJC335*050#NJ
C
3.3
50
1.6
6
2.5
1
TAJD335*050#NJ
D
3.3
50
1.7
6
2
1
TAJC475*050#NJ
C
4.7
50
0.5
4
1.4
1
TAJD475*050#NJ
D
4.7
50
2.4
6
1.4
1
TAJC685*050#NJ
C
6.8
50
3.4
6
1
1
TAJD685*050#NJ
D
6.8
50
3.4
6
1
1
TAJD106*050#NJ
D
10
50
5
6
0.8
1
TAJE106*050#NJ
E
10
50
5
6
1
1
1)
TAJV106*050#NJ
V
10
50
5
6
0.65
1
1)
TAJD156*050#NJ
D
15
50
7.5
6
0.6
1
TAJE156*050#NJ
E
15
50
7.5
6
0.6
1
1)
TAJV156*050#NJ
V
15
50
7.5
6
0.6
1
1)
TAJV226*050#NJ
V
22
50
11
8
0.6
1
1)
RATINGS & PART NUMBER REFERENCE
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
For AEC-Q200 availability, please contact AVX.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
10
I SEPTEMBER 2013


Similar Part No. - TAJC106M002ANJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC106M002ANJ AVX-TAJC106M002ANJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJC106M002ANJ AVX-TAJC106M002ANJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106M002ANJ AVX-TAJC106M002ANJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106M002ANJ AVX-TAJC106M002ANJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106M002ANJ AVX-TAJC106M002ANJ Datasheet
117Kb / 5P
   Standard Tantalum
More results

Similar Description - TAJC106M002ANJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB106M016R AVX-TAJB106M016R Datasheet
41Kb / 4P
   Standard Tantalum
TAJB106K025RNJ AVX-TAJB106K025RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC335K050RNJ AVX-TAJC335K050RNJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJD226M035RNJ AVX-TAJD226M035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJB106K016RNJ AVX-TAJB106K016RNJ Datasheet
137Kb / 8P
   Standard Tantalum
TAJC336K016RNJ AVX-TAJC336K016RNJ Datasheet
118Kb / 5P
   Standard Tantalum
TAJD685M050RNJ AVX-TAJD685M050RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD227K010RNJ AVX-TAJD227K010RNJ Datasheet
143Kb / 8P
   Standard Tantalum
TAJA475K020RNJ AVX-TAJA475K020RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJA106K010RNJ AVX-TAJA106K010RNJ Datasheet
124Kb / 5P
   Standard Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com