Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVA30NPBF Datasheet(PDF) 2 Page - International Rectifier

Part # PVA30NPBF
Description  Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVA30NPBF Datasheet(HTML) 2 Page - International Rectifier

  PVA30NPBF Datasheet HTML 1Page - International Rectifier PVA30NPBF Datasheet HTML 2Page - International Rectifier PVA30NPBF Datasheet HTML 3Page - International Rectifier PVA30NPBF Datasheet HTML 4Page - International Rectifier PVA30NPBF Datasheet HTML 5Page - International Rectifier PVA30NPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series PVA30NPbF
www.irf.com
2
OUTPUT CHARACTERISTICS
PVA3054N
PVA3055N
Units
Operating Voltage Range
0 to ± 300
V(PEAK)
Maxiumum Load Current 40°C I LED 5mA
50
mA(DC)
ResponseTime@25°C(seefigures6and7)
MaximumT(on)@12mAControl,20mALoad,100VDC
60
µs
MaximumT(off)@12mAControl,20mALoad,100VDC
100
µs
Max. On-state Resistance 25°C(Pulsed)(fig.3)10mALoad,5mAControl
160
Minimum Off-state Resistance 25°C @ 240 VDC
1010
1011
MaximumOff-stateLeakage25°C@5.0VDC(seefigure4)
0.05
nA
Maximum Thermal Offset Voltage @ 5.0mA Control V
O(OS)
0.2
µvolts
MinimumOff-Statedv/dt
1000
V/µs
TypicalOutputCapacitance(seefigure8)
2.2
pF@40V
INPUT CHARACTERISTICS
PVA3054N
PVA3055N
Units
Minimum Control Current (see figure 1)
DC
For 55mA Continuous Load Current
2
mA@25°C
For 50mA Continuous Load Current
5
mA@40°C
For35mAContinuousLoadCurrent
5
mA@85°C
MaximumControlCurrentforOff-StateResistanceat25°C
10
µA(DC)
ControlCurrentRange(Caution:currentlimitinputLED.Seefigure6)
2.0to25
mA(DC)
MaximumReverseVoltage
6.0
V(DC)
Electrical Specifications (-40°C ≤ T
A ≤ +85°Cunlessotherwisespecified)
GENERAL CHARACTERISTICS (PVA3054N and PVA3055N)
Units
Dielectric Strength: Input-Output
4000
VRMS
Insulation Resistance: Input-Output @ 90VDC
1012 @ 25°C - 50% RH
Maximum Capacitance: Input-Output
1.0
pF
Max. Pin Soldering Temperature (1.6mm below seating plane, 10 seconds max.)
+260
AmbientTemperatureRange:
Operating
-40to+85
°C
Storage
-40 to +100
InternationalRectifierdoesnotrecommendtheuseofthisproductinaerospace,avionics,militaryorlifesupportapplications.
UsersofthisInternationalRectifierproductinsuchapplicationsassumeallrisksofsuchuseandindemnifyInternational
Rectifieragainstalldamagesresultingfromsuchuse.


Similar Part No. - PVA30NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA30NPBF IRF-PVA30NPBF Datasheet
1,001Kb / 6P
   Bounce-Free Operation
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
   Bounce-Free Operation
More results

Similar Description - PVA30NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVT412ASPBF IRF-PVT412ASPBF Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVR33N IRF-PVR33N Datasheet
94Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVA30 IRF-PVA30 Datasheet
294Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
   POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVA33 IRF-PVA33 Datasheet
303Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com