Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBT4403 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMBT4403
Description  PNP switching transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBT4403 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMBT4403 Datasheet HTML 1Page - NXP Semiconductors PMBT4403 Datasheet HTML 2Page - NXP Semiconductors PMBT4403 Datasheet HTML 3Page - NXP Semiconductors PMBT4403 Datasheet HTML 4Page - NXP Semiconductors PMBT4403 Datasheet HTML 5Page - NXP Semiconductors PMBT4403 Datasheet HTML 6Page - NXP Semiconductors PMBT4403 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Jan 21
3
NXP Semiconductors
Product data sheet
PNP switching transistor
PMBT4403
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
IE = 0; VCB = −40 V
−50
nA
IEBO
emitter-base cut-off current
IC = 0; VEB = −5 V
−50
nA
hFE
DC current gain
VCE = −1 V; (see Fig.2)
IC = −0.1 mA
30
IC = −1 mA
60
IC = −10 mA
100
VCE = −2 V
IC = −150 mA
100
300
IC = −500 mA
20
VCEsat
collector-emitter saturation
voltage
IC = −150 mA; IB = −15 mA
−400
mV
IC = −500 mA; IB = −50 mA
−750
mV
VBEsat
base-emitter saturation voltage
IC = −150 mA; IB = −15 mA
−950
mV
IC = −500 mA; IB = −50 mA
−1.3
V
Cc
collector capacitance
IE = Ie = 0; VCB = −10 V; f = 1 MHz
8.5
pF
Ce
emitter capacitance
IC = Ic = 0; VEB = −500 mV; f = 1 MHz
35
pF
fT
transition frequency
IC = −20 mA; VCE = −10 V; f = 100 MHz 200
MHz
Switching times (between 10% and 90% levels); (see Fig.3)
ton
turn-on time
ICon = −150 mA; IBon = −15 mA;
IBoff = 15 mA
40
ns
td
delay time
15
ns
tr
rise time
30
ns
toff
turn-off time
350
ns
ts
storage time
300
ns
tf
fall time
50
ns


Similar Part No. - PMBT4403

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT4403 PHILIPS-PMBT4403 Datasheet
46Kb / 8P
   PNP switching transistor
1999 Apr 15
PMBT4403 NXP-PMBT4403 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Nexperia B.V. All right...
PMBT4403 NEXPERIA-PMBT4403 Datasheet
736Kb / 14P
   40 V, 600 mA, PNP switching transistor
5 March 2015
PMBT4403YS NEXPERIA-PMBT4403YS Datasheet
704Kb / 15P
   40V, 600 mA double PNP switching transistor
More results

Similar Description - PMBT4403

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com