Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB18NM60ND Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB18NM60ND
Description  N-channel 600 V - 0.25 typ., 13 A FDmesh II Power MOSFET (with fast diode) in D2PAK
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18NM60ND Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB18NM60ND Datasheet HTML 4Page - STMicroelectronics STB18NM60ND Datasheet HTML 5Page - STMicroelectronics STB18NM60ND Datasheet HTML 6Page - STMicroelectronics STB18NM60ND Datasheet HTML 7Page - STMicroelectronics STB18NM60ND Datasheet HTML 8Page - STMicroelectronics STB18NM60ND Datasheet HTML 9Page - STMicroelectronics STB18NM60ND Datasheet HTML 10Page - STMicroelectronics STB18NM60ND Datasheet HTML 11Page - STMicroelectronics STB18NM60ND Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STB18NM60ND, STF18NM60ND, STP18NM60ND, STW18NM60ND
8/22
DocID024653 Rev 1
Figure 14. Normalized on-resistance vs
temperature
Figure 15. Source-drain diode forward
characteristics
RDS(on)
1.3
1.1
0.9
0.7
TJ(°C)
(norm)
0.5
-50
-25
0
25
ID=13 A
50
75
100 125
1.5
1.7
1.9
2.1
AM15794v1
VSD
0
4
ISD(A)
(V)
2
10
6
8
0.4
0.6
0.8
1
TJ=-50°C
TJ=150°C
TJ=25°C
1.2
12
AM15795v1
Figure 16. Normalized VDS vs temperature
VDS
0.98
0.96
0.94
0.92
TJ(°C)
(norm)
-50
1
ID=1mA
-25
50
100
1.02
0
25
75
125
1.04
1.06
1.08
AM15796v1


Similar Part No. - STB18NM60ND

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB18NM60ND ISC-STB18NM60ND Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB18NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD13NM60ND STMICROELECTRONICS-STD13NM60ND Datasheet
1Mb / 21P
   N-channel 600 V, 0.32 typ., 11 A, FDmesh II Power MOSFET (with fast diode) in DPAK
STW47NM60ND STMICROELECTRONICS-STW47NM60ND Datasheet
1Mb / 12P
   N-channel 600 V, 0.075 廓 typ., 35 A FDmesh??II Power MOSFET (with fast diode) in a TO-247 package
STW34NM60ND STMICROELECTRONICS-STW34NM60ND Datasheet
1Mb / 22P
   N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
STB12NM50ND STMICROELECTRONICS-STB12NM50ND Datasheet
584Kb / 13P
   N-channel 500 V, 0.29 廓, 11 A, FDmesh??II Power MOSFET (with fast diode), D2PAK, DPAK
STF8NM60ND STMICROELECTRONICS-STF8NM60ND Datasheet
727Kb / 17P
   N-channel 600 V, 0.59 , 7 A, FDmesh II Power MOSFET
February 2009 Rev 1
STB36NM60N STMICROELECTRONICS-STB36NM60N Datasheet
1Mb / 18P
   Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
October 2013 Rev 3
STW55NM60ND STMICROELECTRONICS-STW55NM60ND Datasheet
147Kb / 9P
   N-channel 600 V - 0.047 廓 - 51 A TO-247 FDmesh??II Power MOSFET (with fast diode)
STF22NM60ND STMICROELECTRONICS-STF22NM60ND Datasheet
790Kb / 13P
   Automotive-grade N-channel 600 V, 0.17 ??typ., 17 A FDmesh??II Power MOSFET in a TO-220FP package
August 2015 Rev 2
STL23NM60ND STMICROELECTRONICS-STL23NM60ND Datasheet
473Kb / 11P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) PowerFLAT??(8x8) HV
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com