Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB24N60M2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB24N60M2
Description  N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB24N60M2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB24N60M2 Datasheet HTML 6Page - STMicroelectronics STB24N60M2 Datasheet HTML 7Page - STMicroelectronics STB24N60M2 Datasheet HTML 8Page - STMicroelectronics STB24N60M2 Datasheet HTML 9Page - STMicroelectronics STB24N60M2 Datasheet HTML 10Page - STMicroelectronics STB24N60M2 Datasheet HTML 11Page - STMicroelectronics STB24N60M2 Datasheet HTML 12Page - STMicroelectronics STB24N60M2 Datasheet HTML 13Page - STMicroelectronics STB24N60M2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Package mechanical data
STB24N60M2, STI24N60M2, STP24N60M2, STW24N60M2
10/22
DocID023964 Rev 4
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.


Similar Part No. - STB24N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB24N60M6 STMICROELECTRONICS-STB24N60M6 Datasheet
445Kb / 16P
   N-channel 600 V, 162 m廓 typ., 17 A, MDmesh??M6 Power MOSFET in a D짼PAK
Rev 1 - August 2018
logo
Inchange Semiconductor ...
STB24N60M6 ISC-STB24N60M6 Datasheet
317Kb / 2P
   N-Channel MOSFET
More results

Similar Description - STB24N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF24N60M2 STMICROELECTRONICS-STF24N60M2 Datasheet
1Mb / 14P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in TO-220FP and I2PAKFP packages
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
STB33N60M2 STMICROELECTRONICS-STB33N60M2 Datasheet
1Mb / 15P
   N-channel 600 V, 0.108 廓 typ., 26 A MDmesh II Plus??low Qg Power MOSFETs in a D2PAK package
November 2013 Rev 2
STL24N60M2 STMICROELECTRONICS-STL24N60M2 Datasheet
1Mb / 16P
   N-channel 600 V, 0.186 typ., 18 A MDmesh II Plus low Qg Power MOSFET in a PowerFLAT 8x8 HV package
February 2014 Rev 2
STB10N60M2 STMICROELECTRONICS-STB10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
STB24NM60N STMICROELECTRONICS-STB24NM60N Datasheet
899Kb / 15P
   N-channel 600 V, 0.168, 17 A MDmesh II Power MOSFET
February 2011 Rev 1
STL9N60M2 STMICROELECTRONICS-STL9N60M2 Datasheet
1Mb / 16P
   N-channel 600 V, 0.76 ??typ., 4.8 A MDmesh II Plus??low Qg Power MOSFET in a PowerFLAT??5x6 HV package
March 2014 Rev 2
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STL10N60M2 STMICROELECTRONICS-STL10N60M2 Datasheet
1Mb / 16P
   N-channel 600 V, 0.580 廓 typ., 5.5 A MDmesh II Plus??low Qg Power MOSFET in a PowerFLAT??5x6 HV package
March 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com