Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA022N1-00 Datasheet(PDF) 2 Page - Alpha Industries

Part No. AA022N1-00
Description  21-24 GHz GaAs MMIC Low Noise Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALPHA [Alpha Industries]
Homepage  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA022N1-00 Datasheet(HTML) 2 Page - Alpha Industries

  AA022N1-00 Datasheet HTML 1Page - Alpha Industries AA022N1-00 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21–24 GHz GaAs MMIC Low Noise Amplifier
AA022N1-00
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 12/99A
17 18 19 20 21 22 23
25
24
26 27 28 29 30
Frequency (GHz)
Typical Small Signal Performance
S-Parameters (VD = 4.5 V)
30
20
10
0
-10
-20
-30
-40
-50
-60
S21
S11
S22
S12
Typical Gain and Noise Figure
Performance for Three Bias Conditions
Frequency (GHz)
2.0
2.5
3.0
3.5
4.0
4.5
17 18 19 20 21 22 23 24 25 26 27 28 29 30
15
16
17
18
19
20
21
22
23
24
25
NF 4.5 V
NF* 2.5 V-5 V
NF 3.5 V
Gain 4.5 V
Gain 3.5 V
Gain* 2.5 V-5 V
Typical Gain and Noise Figure
Performance vs. Drain Bias (VD1 = VD2)
VD1 and VD2 (V)
1.0
2.0
3.0
4.0
5.0
6.0
2
4
6
8
10
12
14
16
18
20
22
24
15
17
19
21
23
25
27
29
31
33
35
37
Gain
ID
NF
Typical Performance Data
VD2
VD1
RF IN
RF OUT
.01
µF 50 pF
.01
µF 50 pF
Bias Arrangement
D
G
Detail A
RF IN
RF OUT
G
D
G
D
G
D
VD2
VD1
SEE
DETAIL
A
Circuit Schematic
For biasing on, adjust VDS from zero to the desired value
(4.5 V recommended). For biasing off, reverse the biasing on procedure.
*Special Bias: VD1 = 2.5 V, VD2 = 5.0 V


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC282GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA035N1-0028-36 GHz GaAs MMIC Low Noise Amplifier 1 2 3 Alpha Industries
CMM40002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CMM11002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC320MS8GGaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
CMM11102.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn