Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L1024GL-10 Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY61L1024GL-10
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L1024GL-10 Datasheet(HTML) 1 Page - Lyontek Inc.

  LY61L1024GL-10 Datasheet HTML 1Page - Lyontek Inc. LY61L1024GL-10 Datasheet HTML 2Page - Lyontek Inc. LY61L1024GL-10 Datasheet HTML 3Page - Lyontek Inc. LY61L1024GL-10 Datasheet HTML 4Page - Lyontek Inc. LY61L1024GL-10 Datasheet HTML 5Page - Lyontek Inc. LY61L1024GL-10 Datasheet HTML 6Page - Lyontek Inc. LY61L1024GL-10 Datasheet HTML 7Page - Lyontek Inc. LY61L1024GL-10 Datasheet HTML 8Page - Lyontek Inc. LY61L1024GL-10 Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LY61L1024
Rev. 2.7
128K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Jul.25.2004
Rev. 1.1
Delete Icc1 Spec.
Sep.21.2004
Rev. 2.0
Adding -10ns Spec.
Aug.30.2005
Rev. 2.1
Revised VTERM to VT1 and VT2
Revised Test Condition of ISB1/IDR
Added LL Spec.
Feb.2.2009
Rev.2.2
Revised Test Condition of ICC/ISB
Revised FEATURES & ORDERING INFORMATION Lead
free and green package available
to Green package available
Deleted TSOLDER in ABSOLUTE MAXIMUN RATINGS
Added packing type in ORDERING INFORMATION
Feb.2.2009
Apr.17.2009
Rev. 2.3
Revised PACKAGE OUTLINE DIMENSION in page 9
Dec.18.2009
Rev. 2.4
Added I grade in normal grade
Deleted -10/12/15ns Spec. in LL grade
Added -18ns Spec. In LL grade
Apr.27.2010
Rev. 2.5
Rev. 2.6
Revised PACKAGE OUTLINE DIMENSION in page 10/11
Revised ORDERING INFORMATION in page 12
May.7.2010
Aug.30.2010
Rev. 2.7
Add package type: TFBGA 36 ball
Jan.23.2013
Revised ORDERING INFORMATION in page 14~page15


Similar Part No. - LY61L1024GL-10

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L102416AGL-10 LYONTEK-LY61L102416AGL-10 Datasheet
360Kb / 13P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
LY61L102416AGL-10I LYONTEK-LY61L102416AGL-10I Datasheet
360Kb / 13P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
LY61L102416AGL-10IT LYONTEK-LY61L102416AGL-10IT Datasheet
360Kb / 13P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
LY61L102416AGL-10T LYONTEK-LY61L102416AGL-10T Datasheet
360Kb / 13P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L1024GL-10

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com