Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74HC273D Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. 74HC273D
Description  Octal D-type flip-flop with reset; positive-edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HC273D Datasheet(HTML) 10 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 10 June 2013
10 of 21
NXP Semiconductors
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
11. Waveforms
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Propagation delay clock input (CP) to output (Qn), clock (CP) pulse width, output transition time and the
maximum clock pulse frequency
001aae062
CP input
Qn output
tPHL
tPLH
tW
tW
VM
10%
90%
VOH
VI
GND
VOL
VM
VM
1/fmax
tTHL
tTLH
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 8.
Propagation delay master reset (MR) to output (Qn), pulse width master reset (MR) and recovery time
master reset (MR) to clock (CP)
mna464
MR input
CP input
Qn output
tPHL
tW
trec
VM
VI
GND
VI
VOL
GND
VM
VM
VOH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn