Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC273D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC273D
Description  Octal D-type flip-flop with reset; positive-edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC273D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC273D Datasheet HTML 5Page - NXP Semiconductors 74HC273D Datasheet HTML 6Page - NXP Semiconductors 74HC273D Datasheet HTML 7Page - NXP Semiconductors 74HC273D Datasheet HTML 8Page - NXP Semiconductors 74HC273D Datasheet HTML 9Page - NXP Semiconductors 74HC273D Datasheet HTML 10Page - NXP Semiconductors 74HC273D Datasheet HTML 11Page - NXP Semiconductors 74HC273D Datasheet HTML 12Page - NXP Semiconductors 74HC273D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 10 June 2013
9 of 21
NXP Semiconductors
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi + (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
 (C
L  VCC
2
 f
o) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
74HCT273
tpd
propagation
delay
CP to Qn; see Figure 7
[1]
VCC = 4.5 V
-
16
30
-
38
-
45
ns
VCC = 5.0 V; CL =15pF
-
15
-
-
-
-
-
ns
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 8
VCC = 4.5 V
-
23
34
-
43
-
51
ns
VCC = 5.0 V; CL =15pF
-
20
-
-
-
-
-
ns
tt
transition time
Qn output; see Figure 7
[2]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
CP input; see Figure 7
VCC = 4.5 V
16
9
-
20
-
24
-
ns
MR input LOW;
see Figure 8
VCC = 4.5 V
16
8
-
20
-
24
-
ns
trec
recovery time
MR to CP; see Figure 8
VCC = 4.5 V
10
2
-
13
-
15
-
ns
tsu
set-up time
Dn to CP; see Figure 9
VCC = 4.5 V
12
5
-
15
-
18
-
ns
th
hold time
Dn to CP; see Figure 9
VCC = 4.5 V
3
4-
3
-
3
-
ns
fmax
maximum
frequency
CP input; see Figure 7
VCC = 4.5 V
30
56
-
24
-
20
-
MHz
VCC = 5.0 V; CL =15pF
-
36
-
-
-
-
-
MHz
CPD
power
dissipation
capacitance
per package;
VI =GND to VCC  1.5 V
[3]
-23-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 10
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


Similar Part No. - 74HC273D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC273D PHILIPS-74HC273D Datasheet
58Kb / 8P
   Octal D-type flip-flop with reset; positive-edge trigger
September 1993
logo
Toshiba Semiconductor
74HC273D TOSHIBA-74HC273D Datasheet
207Kb / 12P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC273D NEXPERIA-74HC273D Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74HC273D-Q100 NXP-74HC273D-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74HC273D-Q100 NEXPERIA-74HC273D-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results

Similar Description - 74HC273D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com