Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC138PW-Q100 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74HC138PW-Q100
Description  3-to-8 line decoder/demultiplexer; inverting
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC138PW-Q100 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC138PW-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC138PW-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC138PW-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC138PW-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC138PW-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC138PW-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC138PW-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC138PW-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC138PW-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74HC138-Q100; 74HCT138-Q100 is a high-speed Si-gate CMOS device and is pin
compatible with Low-power Schottky TTL (LSTTL).
The 74HC138-Q100; 74HCT138-Q100 decoder accepts three binary weighted address
inputs (A0, A1 and A3) and when enabled, provides 8 mutually exclusive active LOW
outputs (Y0to Y7).
The 74HC138-Q100; 74HCT138-Q100 features three enable inputs: two active LOW
(E1 and E2) and one active HIGH (E3). Every output will be HIGH unless E1 and E2are
LOW and E3 is HIGH.
This multiple enable function allows easy parallel expansion of the 74HC138-Q100;
74HCT138-Q100 to a 1-of-32 (5 lines to 32 lines) decoder with just four 74HC138-Q100;
74HCT138-Q100 ICs and one inverter.
The 74HC138-Q100; 74HCT138-Q100 can be used as an eight output demultiplexer by
using one of the active LOW enable inputs as the data input and the remaining enable
inputs as strobes. Not used enable inputs must be permanently tied to their appropriate
active HIGH- or LOW-state.
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Demultiplexing capability
Multiple input enable for easy expansion
Complies with JEDEC standard no. 7A
Ideal for memory chip select decoding
Active LOW mutually exclusive outputs
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0
)
Multiple package options
74HC138-Q100; 74HCT138-Q100
3-to-8 line decoder/demultiplexer; inverting
Rev. 1 — 16 July 2012
Product data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn