Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC138D-Q100 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. 74HC138D-Q100
Description  3-to-8 line decoder/demultiplexer; inverting
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC138D-Q100 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC138D-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 12Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 13Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 14Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74HC_HCT138_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 July 2012
11 of 18
NXP Semiconductors
74HC138-Q100; 74HCT138-Q100
3-to-8 line decoder/demultiplexer; inverting
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 8.
Load circuitry for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 9.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74HC138-Q100
VCC
6ns
15pF, 50 pF
1 k
open
GND
VCC
74HCT138-Q100 3 V
6 ns
15 pF, 50 pF
1 k
open
GND
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn