Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC138D-Q100 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74HC138D-Q100
Description  3-to-8 line decoder/demultiplexer; inverting
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC138D-Q100 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC138D-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74HC_HCT138_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 July 2012
4 of 18
NXP Semiconductors
74HC138-Q100; 74HCT138-Q100
3-to-8 line decoder/demultiplexer; inverting
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
Table 2.
Pin description
Symbol
Pin
Description
A0, A1, A2
1, 2, 3
address input A0, A1, A2
E1, E2
4, 5
enable input E1, E2 (active LOW)
E3
6
enable input E3 (active HIGH)
Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7
15, 14, 13, 12, 11, 10, 9, 7
output Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7 (active LOW)
GND
8
ground (0 V)
VCC
16
positive supply voltage
Table 3.
Function table[1]
Control
Input
Output
E1
E2
E3
A2
A1
A0
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
H
X
X
X
X
X
HH
HH
HH
HH
XH
X
XXL
L
L
H
L
L
L
HH
HH
HH
HL
L
L
H
HH
HH
HH
L
H
L
H
L
H
HH
HH
L
H
H
L
H
H
H
HH
HL
HH
H
H
L
L
H
HH
L
H
HH
H
H
L
H
H
HL
HH
HH
H
H
H
L
HL
HH
HH
HH
H
H
H
L
H
HH
HH
HH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn