Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC138D-Q100 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. 74HC138D-Q100
Description  3-to-8 line decoder/demultiplexer; inverting
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC138D-Q100 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC138D-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC138D-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74HC_HCT138_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 July 2012
2 of 18
NXP Semiconductors
74HC138-Q100; 74HCT138-Q100
3-to-8 line decoder/demultiplexer; inverting
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC138D-Q100
40 Cto+125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74 HCT138D-Q100
74HC138PW-Q100
40 Cto+125 C
TSSOP16
plastic thin shrink small outline package;
16 leads; body width 4.4 mm
SOT403-1
74HCT138PW-Q100
74HC138BQ-Q100
40 Cto+125 C
DHVQFN16 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads;
16 terminals; body 2.5
 3.5  0.85 mm
SOT763-1
74HCT138BQ-Q100
Fig 1.
Logic symbol
Fig 2.
Functional diagram
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
7
9
10
11
12
13
14
15
A0
A1
A2
3
2
1
6
5
4
E2
E1
E3
mna370
mna372
ENABLE
EXITING
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
7
9
10
11
12
13
14
15
A0
A1
A2
3-to-8
DECODER
3
2
1
6
5
4
E2
E1
E3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn