Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC574 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AHC574
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC574 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AHC574 Datasheet HTML 6Page - NXP Semiconductors 74AHC574 Datasheet HTML 7Page - NXP Semiconductors 74AHC574 Datasheet HTML 8Page - NXP Semiconductors 74AHC574 Datasheet HTML 9Page - NXP Semiconductors 74AHC574 Datasheet HTML 10Page - NXP Semiconductors 74AHC574 Datasheet HTML 11Page - NXP Semiconductors 74AHC574 Datasheet HTML 12Page - NXP Semiconductors 74AHC574 Datasheet HTML 13Page - NXP Semiconductors 74AHC574 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74AHC_AHCT574_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 24 January 2008
10 of 18
NXP Semiconductors
74AHC574; 74AHCT574
Octal D-type flip-flop; positive edge-trigger; 3-state
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V.
10.1 Waveforms
th
hold time
Dn to CP; see Figure 8
VCC = 4.5 V to 5.5 V;
CL =50pF
1.5
-
-
1.5
-
1.5
-
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF;f=1 MHz;
VI = GND to VCC
[3]
-12
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V. For test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Propagation delay input (CP) to output (Qn), clock input (CP) pulse width and the maximum frequency
(CP)
mna802
CP input
Qn output
tPHL
tPLH
tW
1/fmax
VM
VOH
VI
GND
VOL
VM


Similar Part No. - 74AHC574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC574 PHILIPS-74AHC574 Datasheet
91Kb / 20P
   Octal D-type flip-flop; positive edge-trigger; 3-state
1999 Jun 16
74AHC574 NXP-74AHC574 Datasheet
107Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-24 January 2008
logo
Nexperia B.V. All right...
74AHC574 NEXPERIA-74AHC574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
NXP Semiconductors
74AHC574BQ NXP-74AHC574BQ Datasheet
107Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-24 January 2008
logo
Nexperia B.V. All right...
74AHC574BQ NEXPERIA-74AHC574BQ Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results

Similar Description - 74AHC574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com