Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L1024LL-10 Datasheet(PDF) 8 Page - Lyontek Inc.

Part # LY61L1024LL-10
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L1024LL-10 Datasheet(HTML) 8 Page - Lyontek Inc.

Back Button LY61L1024LL-10 Datasheet HTML 4Page - Lyontek Inc. LY61L1024LL-10 Datasheet HTML 5Page - Lyontek Inc. LY61L1024LL-10 Datasheet HTML 6Page - Lyontek Inc. LY61L1024LL-10 Datasheet HTML 7Page - Lyontek Inc. LY61L1024LL-10 Datasheet HTML 8Page - Lyontek Inc. LY61L1024LL-10 Datasheet HTML 9Page - Lyontek Inc. LY61L1024LL-10 Datasheet HTML 10Page - Lyontek Inc. LY61L1024LL-10 Datasheet HTML 11Page - Lyontek Inc. LY61L1024LL-10 Datasheet HTML 12Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LY61L1024
Rev. 2.7
128K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
7
®
TIMING WAVEFORMS
READ CYCLE 1
(Address Controlled) (1,2)
Dout
Data Valid
tOH
tAA
Address
tRC
Previous Data Valid
READ CYCLE 2
(CE# and CE2 and OE# Controlled) (1,3,4,5)
Dout
Data Valid
tOH
OE#
High-Z
High-Z
tCLZ
tOLZ
tOE
tCHZ
tOHZ
CE2
tACE
CE#
tAA
Address
tRC
Notes :
1.WE# is high for read cycle.
2.Device is continuously selected OE# = low, CE# = low., CE2 = high.
3.Address must be valid prior to or coincident with CE# = low, CE2 = high; otherwise tAA is the limiting parameter.
4.tCLZ, tOLZ, tCHZ and tOHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.
5.At any given temperature and voltage condition, tCHZ is less than tCLZ , tOHZ is less than tOLZ.


Similar Part No. - LY61L1024LL-10

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L1024LL LYONTEK-LY61L1024LL Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024LLE LYONTEK-LY61L1024LLE Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L1024LL-10

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com