Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L1024JL-18LLI Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY61L1024JL-18LLI
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L1024JL-18LLI Datasheet(HTML) 2 Page - Lyontek Inc.

  LY61L1024JL-18LLI Datasheet HTML 1Page - Lyontek Inc. LY61L1024JL-18LLI Datasheet HTML 2Page - Lyontek Inc. LY61L1024JL-18LLI Datasheet HTML 3Page - Lyontek Inc. LY61L1024JL-18LLI Datasheet HTML 4Page - Lyontek Inc. LY61L1024JL-18LLI Datasheet HTML 5Page - Lyontek Inc. LY61L1024JL-18LLI Datasheet HTML 6Page - Lyontek Inc. LY61L1024JL-18LLI Datasheet HTML 7Page - Lyontek Inc. LY61L1024JL-18LLI Datasheet HTML 8Page - Lyontek Inc. LY61L1024JL-18LLI Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LY61L1024
Rev. 2.7
128K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 10/12/15/18ns
Low power consumption:
Operating current : 75/70/65/55mA (TYP.)
Standby current : 0.6mA (TYP.)
1
μA (TYP.) LL -version
Single 3.3V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 2.0V (MIN.)
Green package available
Package : 32-pin 300 mil SOJ
32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
36-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY61L1024 is a 1,048,576-bit low power CMOS
static random access memory organized as 131,072
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY61L1024 is well designed for very high speed
system applications, and particularly well suited for
battery back-up nonvolatile memory application.
The LY61L1024 operates from a single power
supply of 3.3V and all inputs and outputs are fully
TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY61L1024
0 ~ 70℃
3.15 ~ 3.6V
10ns
0.6mA
75mA
LY61L1024
0 ~ 70℃
3.0 ~ 3.6V
12/15ns
0.6mA
70/65mA
LY61L1024(I)
-40 ~ 85℃
3.15 ~ 3.6V
10ns
0.6mA
75mA
LY61L1024(I)
-40 ~ 85℃
3.0 ~ 3.6V
12/15ns
0.6mA
70/65mA
LY61L1024(LL)
0 ~ 70℃
3.0 ~ 3.6V
18ns
1µA
55mA
LY61L1024(LLI)
-40 ~ 85℃
3.0 ~ 3.6V
18ns
1µA
55mA


Similar Part No. - LY61L1024JL-18LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L1024JL LYONTEK-LY61L1024JL Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L1024JL-18LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com