Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

STR83145 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part No. STR83145
Description  LATCHED, UNIVERSAL INPUT-VOLTAGE SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

STR83145 Datasheet(HTML) 7 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STR83145
LATCHED, UNIVERSAL
INPUT-VOLTAGE SWITCH
www.allegromicro.com
7
Dwg. MK-004
37.5 mm
1.48"
3.2 mm
0.126" ø
+0.15 mm/0.060"
–0
8.5 mm
0.335"
0.5 mm
0.020" R
Dwg. MK-001-5 mm
15
3.81
±0.1
2.54
±0.1
4.5
±0.2
1.0
±0.1
0.6
+0.2
–0.1
4.5
±0.5
T
REF.
M
17.8
±0.3
4.0
±0.1
3.2 Ø
±0.1
Dimensions in Millimeters
(controlling dimensions)
NOTES:
1. Exact body and lead configuration at vendor's option within limits shown.
2. Recommended mounting hardware torque: 6 – 8 kgf•cm (0.588 – 0.785 Nm).
3. The hatched area is exposed heat spreader, electrically common to pin 3.
4. Recommended 0.08 mm to 0.15 mm thick mica insulator with metal-oxide-filled, alkyl-degenerated oil base, silicone
grease (Dow Corning 340, or equivalent); or Bergquist Sil-Pad®.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn