Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STRS6703 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STRS6703
Description  OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRS6703 Datasheet(HTML) 2 Page - Allegro MicroSystems

  STRS6703 Datasheet HTML 1Page - Allegro MicroSystems STRS6703 Datasheet HTML 2Page - Allegro MicroSystems STRS6703 Datasheet HTML 3Page - Allegro MicroSystems STRS6703 Datasheet HTML 4Page - Allegro MicroSystems STRS6703 Datasheet HTML 5Page - Allegro MicroSystems STRS6703 Datasheet HTML 6Page - Allegro MicroSystems STRS6703 Datasheet HTML 7Page - Allegro MicroSystems STRS6703 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
STR-S6703 AND STR-S6704
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
FUNCTIONAL BLOCK DIAGRAM
ALLOWABLE PACKAGE POWER DISSIPATION
MAXIMUM SAFE OPERATING AREA
PROPORTIONAL
DRIVE
TSD
OVER-VOLT.
PROTECT
OSC.
R
S
Q
V
IN
FDBK
OVER-CURRENT
PROTECTION
COMMON
COLLECTOR
BASE
SINK
DRIVE
3300 pF
1 k
0.7
Rton
Rtoff
0.75 V
-1 V
1.4 V
5.1 V
REF.
FAULT
LATCH
+
+
+
+
INHIBIT
9
8
5
4
3
1
2
6
7
Dwg. FK-001
UVLO
60
40
20
20
60
100
3.2 W
140
LIMITED BY FRAME
TEMP. = +125
°C MAX.
RECOMMENDED MAX.
FRAME TEMP. = +100
°C
FREE AIR
0
TEMPERATURE in
°C
MOUNTING SURFACE
TEMPERATURE
Dwg. GK-003-3
STR-S6703 (54 W)
STR-S6704 (50 W)
30
3.0
0.3
COLLECTOR-EMITTER VOLTAGE in VOLTS
Dwg. GK-002-3
1.0
10
0
200
400
600
0.5
5.0
STR-S6704 (10 A)
STR-S6703 (12 A)
L = 6 mH
IB1 = 2.5 A
IB2 = 0.8 A
ton = 100
µs
dc < 1%
100
300
500
700
Copyright © 1994 Allegro MicroSystems, Inc.


Similar Part No. - STRS6703

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STRS6707 ALLEGRO-STRS6707 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STRS6708 ALLEGRO-STRS6708 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STRS6709 ALLEGRO-STRS6709 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
More results

Similar Description - STRS6703

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STRS6708 ALLEGRO-STRS6708 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STRS6709 ALLEGRO-STRS6709 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STRS5707 ALLEGRO-STRS5707 Datasheet
163Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STRS6707 ALLEGRO-STRS6707 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STR-S5707 ALLEGRO-STR-S5707 Datasheet
163Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STR-S6707 ALLEGRO-STR-S6707 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STR-S5703 ALLEGRO-STR-S5703 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATOR WITH BIPOLAR SWITCHING TRANSISTOR
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com