Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2602 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2602
Description  28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2602 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2602 Datasheet HTML 2Page - Monolithic Power Systems MP2602 Datasheet HTML 3Page - Monolithic Power Systems MP2602 Datasheet HTML 4Page - Monolithic Power Systems MP2602 Datasheet HTML 5Page - Monolithic Power Systems MP2602 Datasheet HTML 6Page - Monolithic Power Systems MP2602 Datasheet HTML 7Page - Monolithic Power Systems MP2602 Datasheet HTML 8Page - Monolithic Power Systems MP2602 Datasheet HTML 9Page - Monolithic Power Systems MP2602 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP2602 – 28V, 1A LINEAR LI-ION BATTERY CHARGER WITH TRICKLE CHARGE
MP2602 Rev.1.3
www.MonolithicPower.com
8
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Charge Status Indicator (CHG)
The MP2602 has an integrated charge status
pin that remains low while the battery is
charging. Once the charge current has reduced
to the battery full charge current threshold (IBF),
the CHG pin will become high impedance.
Under full charge conditions, certain systems
may draw a very narrow current pulse that
exceeds the IBF threshold. The
CHG indicator
may glitch. It is desirable to blank the
CHG glitch so that the system can properly
indicate full charge conditions to the end user.
A simple solution is to add a RC filter on the
CHG pin to filter out the possible CHG glitch,
as shown in Figure 5.
Negative Thermal Coefficient (NTC)
Thermistor
The MP2602 has a built-in NTC resistance
window comparator. If configured as the typical
application circuit as indicated in Figure 1, the
MP2602 will cease charging if RNTC<32.3kΩ or
RNTC>376.6kΩ. This represents a valid charging
temperature range of 0°C to 50°C for the
TH11-4H104F NTC resistor.
Thermal Protection
The MP2602 has proprietary thermal protection
to prevent the IC from overheating. When in
thermal protection mode, the charge current
becomes a saw-tooth waveform instead of a
DC current. The average current of the saw-
tooth waveform will be lower than the
programmed DC charge current to prevent the
IC from overheating. The frequency and
amplitude of the saw-tooth current waveform
can be altered by changing the capacitance
value connected to the SS pin. Operating in
thermal protection mode will slow down the
charging process. Lowering the input voltage
and enhancing thermal dissipation to the
environment can effectively prevent the IC from
going into thermal protection mode.
MP2602
BATT
ISET
IBF
SS
GND
10
9
8
7
6
IN
CHG
ACOK
EN
NTC
1
2
3
4
5
JP4
JP1
JP2
JP3
VIN
BAT
GND
GND
CHG
ACOK
EN
NTC
Figure 5—Filtered Charge Status with GPIO Connection


Similar Part No. - MP2602

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023DQ MPS-MP26023DQ Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028EQ MPS-MP26028EQ Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
More results

Similar Description - MP2602

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
   28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
MP2604 MPS-MP2604 Datasheet
355Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
MP2606 MPS-MP2606 Datasheet
389Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
MP26053 MPS-MP26053 Datasheet
566Kb / 11P
   28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP26057 MPS-MP26057 Datasheet
562Kb / 11P
   28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
   1A Linear Li-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
   1A Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com