Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2560 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2560
Description  2.5A, 4MHz, 42V Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2560 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2560 Datasheet HTML 5Page - Monolithic Power Systems MP2560 Datasheet HTML 6Page - Monolithic Power Systems MP2560 Datasheet HTML 7Page - Monolithic Power Systems MP2560 Datasheet HTML 8Page - Monolithic Power Systems MP2560 Datasheet HTML 9Page - Monolithic Power Systems MP2560 Datasheet HTML 10Page - Monolithic Power Systems MP2560 Datasheet HTML 11Page - Monolithic Power Systems MP2560 Datasheet HTML 12Page - Monolithic Power Systems MP2560 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MP2560 – 2.5A, 4MHz, 42V STEP-DOWN CONVERTER
MP2560 Rev. 1.2
www.MonolithicPower.com
9
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
At higher duty cycle operation condition, the
time period available to the bootstrap charging
is less so the bootstrap capacitor may not be
sufficiently charged.
In case the internal circuit does not have
sufficient voltage and the bootstrap capacitor is
not charged, extra external circuitry can be
used to ensure the bootstrap voltage is in the
normal operational region. Refer to External
Bootstrap Diode
in Application section.
The DC quiescent current of the floating driver
is about 20µA. Make sure the bleeding current
at the SW node is higher than this value, such
that:
A
20
)
2
R
1
R
(
V
I
O
O
µ
>
+
+
Current Comparator and Current Limit
The power MOSFET current is accurately
sensed via a current sense MOSFET. It is then
fed to the high speed current comparator for the
current mode control purpose. The current
comparator takes this sensed current as one of
its inputs. When the power MOSFET is turned
on, the comparator is first blanked till the end of
the turn-on transition to avoid noise issues. The
comparator then compares the power switch
current with the COMP voltage. When the
sensed current is higher than the COMP
voltage, the comparator output is low, turning
off the power MOSFET. The cycle-by-cycle
maximum
current
of
the
internal
power
MOSFET is internally limited.
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides stable supply for the remaining
circuitries.
While the internal supply rail is up, an internal
timer holds the power MOSFET OFF for about
50µs to blank the startup glitches. When the
internal soft-start block is enabled, it first holds
its SS output low to ensure the remaining
circuitries are ready and then slowly ramps up.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, power MOSFET is turned off first to
avoid any fault triggering. The COMP voltage
and the internal supply rail are then pulled down.
Programmable Oscillator
The MP2560 oscillating frequency is set by an
external resistor, Rfreq from the FREQ pin to
ground. The value of Rfreq can be calculated
from:
freq
1.1
s
180000
R(KΩ)=
f(KHz)


Similar Part No. - MP2560

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP256 RECTRON-MP256 Datasheet
28Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
39Kb / 2P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP256 GWSEMI-MP256 Datasheet
74Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
MP256 SHUNYE-MP256 Datasheet
199Kb / 2P
   PRESS-FIT MOTOLOLA DIODES
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
158Kb / 3P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP2560

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4350 MPS-MP4350 Datasheet
455Kb / 14P
   2.5A, 4MHz, 20V Step-Down Converter
MP2565 MPS-MP2565 Datasheet
535Kb / 20P
   2.5A, 4MHz, 50V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
   2.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
   Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com