Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-S6703 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. STR-S6703
Description  OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-S6703 Datasheet(HTML) 5 Page - Allegro MicroSystems

  STR-S6703 Datasheet HTML 1Page - Allegro MicroSystems STR-S6703 Datasheet HTML 2Page - Allegro MicroSystems STR-S6703 Datasheet HTML 3Page - Allegro MicroSystems STR-S6703 Datasheet HTML 4Page - Allegro MicroSystems STR-S6703 Datasheet HTML 5Page - Allegro MicroSystems STR-S6703 Datasheet HTML 6Page - Allegro MicroSystems STR-S6703 Datasheet HTML 7Page - Allegro MicroSystems STR-S6703 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STR-S6703 AND STR-S6704
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
www.allegromicro.com
TYPICAL QUASI-RESONANT FLYBACK CONVERTER
WARNING: lethal potentials are present. See text.
APPLICATIONS INFORMATION
WARNING — These devices are designed to be operated at lethal voltages and energy levels. Circuit
designs that embody these components must conform with applicable safety requirements. Precau-
tions must be taken to prevent accidental contact with power-line potentials. Do not connect
grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
Recommended mounting hardware torque:
4.34 – 5.79 lbf•ft (6 – 8 kg•cm or 0.588 – 0.784 Nm).
Recommended metal-oxide-filled, alkyl-degenerated oil base, silicone grease:
Dow Corning 340, or equivalent
VOLTAGE
SENSE
+ OUTPUT
– OUTPUT
+
+
Dwg. EK-004A
R
SQ
+
+
+
+
9
8
5
4
3
1
2
7
6
#


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn