Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-S6525 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. STR-S6525
Description  OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-S6525 Datasheet(HTML) 5 Page - Allegro MicroSystems

  STR-S6525 Datasheet HTML 1Page - Allegro MicroSystems STR-S6525 Datasheet HTML 2Page - Allegro MicroSystems STR-S6525 Datasheet HTML 3Page - Allegro MicroSystems STR-S6525 Datasheet HTML 4Page - Allegro MicroSystems STR-S6525 Datasheet HTML 5Page - Allegro MicroSystems STR-S6525 Datasheet HTML 6Page - Allegro MicroSystems STR-S6525 Datasheet HTML 7Page - Allegro MicroSystems STR-S6525 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL APPLICATION
WARNING: lethal potentials are present. See text.
APPLICATIONS INFORMATION
WARNING — These devices are designed to be operated at lethal voltages and energy levels. Circuit
designs that embody these components must conform with applicable safety requirements. Precau-
tions must be taken to prevent accidental contact with power-line potentials. Do not connect
grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
The power MOSFET outputs of these devices are similar to the International Rectifier type IRFBC40. These devices
feature an excellent combination of fast switching, ruggedized device design, low on-resistance, and cost effectiveness.
Recommended mounting hardware torque:
4.34 – 5.79 lbf•ft (6 – 8 kg•cm or 0.588 – 0.784 Nm).
Recommended metal-oxide-filled, alkyl-degenerated oil base, silicone grease:
Dow Corning 340, or equivalent
VOLTAGE
SENSE
+ OUTPUT
– OUTPUT
+
+
+
Dwg. EK-001
3
5
1
2
9
6
7
5
STR-S6525
R
SQ
+
4
8
TURN ON
150
TO PIN 8
TO PIN 6
5
STR-S6525
OFF-LINE
SWITCHING REGULATOR


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn