Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-S6411 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part No. STR-S6411
Description  OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-S6411 Datasheet(HTML) 2 Page - Allegro MicroSystems

  STR-S6411 Datasheet HTML 1Page - Allegro MicroSystems STR-S6411 Datasheet HTML 2Page - Allegro MicroSystems STR-S6411 Datasheet HTML 3Page - Allegro MicroSystems STR-S6411 Datasheet HTML 4Page - Allegro MicroSystems STR-S6411 Datasheet HTML 5Page - Allegro MicroSystems STR-S6411 Datasheet HTML 6Page - Allegro MicroSystems STR-S6411 Datasheet HTML 7Page - Allegro MicroSystems STR-S6411 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STR-S6411 AND STR-S6411F
OFF-LINE
SWITCHING REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
ALLOWABLE PACKAGE POWER DISSIPATION
MAXIMUM SAFE OPERATING AREA
OSC.
S
Q
SOURCE
DRAIN
LATCH
1
2
UVLO
SIGNAL
GROUND
4
V
IN
OVER-CURRENT
PROTECTION
Rton
REF.
7
6
8
Dwg. FK-003
SOFT
START
5
0.2 V
+
GATE
3
FDBK
9
PWM
POWER
GROUND
+
Rtoff
R
60
40
20
20
60
100
3.2 W
140
LIMITED BY FRAME
TEMP. = +125
°C MAX.
RECOMMENDED MAX.
FRAME TEMP. = +100
°C
FREE AIR
62 W
0
TEMPERATURE in
°C
MOUNTING SURFACE
TEMPERATURE
Dwg. GK-003
100
10
1.0
0.1
DRAIN-TO-SOURCE VOLTAGE in VOLTS
Dwg. GK-004-1
0.3
3.0
30
3.0
10
30
100
300
NO HEAT SINK
NATURAL COOLING
T
= +25
°C
A
t
= 10
ms
SINGLE
PULSE
w
t
= 1
ms
SINGLE
PULSE
w
1000
t
= 0.1
ms
SINGLE
PULSE
w
LIMITED
BY rDS(on)
Copyright © 1994 Allegro MicroSystems, Inc.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn