Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-S6411 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part No. STR-S6411
Description  OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

STR-S6411 Datasheet(HTML) 6 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STR-S6411 AND STR-S6411F
OFF-LINE
SWITCHING REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
NOTE: Exact body and lead configuration at vendor’s option within limits shown.
APPLICATIONS INFORMATION
WARNING — These devices are designed to be operated at lethal voltages and energy levels.
Circuit designs that embody these components must conform with applicable safety requirements.
Precautions must be taken to prevent accidental contact with power-line potentials.
Do not connect grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
The power MOSFET outputs of these devices are similar to the International Rectifier type IRFPE40. These devices
feature an excellent combination of fast switching, ruggedized device design, low on-resistance, and cost effectiveness.
Recommended mounting hardware torque:
4.34 - 5.79 lbf•ft (6 – 8 kg•cm or 0.588 – 0.784 Nm).
Recommended metal-oxide-filled, alkyl-degenerated oil base, silicone grease:
Dow Corning 340, or equivalent
Dimensions in Inches
(for reference only)
0.276
±0.016
Dwg. MK-003-9 in
0.953
±0.008
0.610
±0.008
0.118
0.130
±0.008
ø
0.016
0.100
±0.004
0.216
±0.008
0.216
0.130
±0.004
0.026
+0.008
–0.004
0.177
±0.028
PACKAGE
CENTER
LEAD
CENTER
1
9
0.033
+0.008
–0.004
T
REF.
M


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn