Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMBA-Q87A Datasheet(PDF) 1 Page - AAEON Technology

Part # IMBA-Q87A
Description  Intel 4th Gen LGA1150 Processor With 6 SATA3, 5 PCI, Multiple Display Ports, Support iAMT 9.0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

IMBA-Q87A Datasheet(HTML) 1 Page - AAEON Technology

  IMBA-Q87A Datasheet HTML 1Page - AAEON Technology IMBA-Q87A Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10-43
10
Features
Specifications
IMBA-Q87A
Intel® 4th Gen LGA1150 Processor With 6 SATA3, 5 PCI, Multiple Display Ports, Support iAMT 9.0
System
Form Factor
ATX
Processor
Intel® 4th Generation Core™ i7/ i5 /i3 22nm LGA 1150 socket Processor
System Memory
240-pin DIMM x 4, max. 32GB, DDR3 1600/1333 MHz, non-ECC, un-buffered
memory, Dual channel memory architecture
Chipset
Intel® Q87 Express Chipset
I/O Chipset
Nuvoton NCT6791D
Fintek F81216HD
Ethernet
Intel® PHY I217LM Giga LAN x 1 (support AMT 9.0)
Intel® I210AT Giga LAN x 1, (RJ-45 x 2)
BIOS
64M bit Flash ROM x 2, AMI BIOS
Wake On LAN / PXE
Yes (WOL / PXE)
Watchdog Timer
1~255 step by software program
TPM
Yes, TPM 1.2 header x 1
H/W Monitor
Temperature Monitor on CPU/Chassis
Voltage Monitor on Vcore/5V/12V
Fan Monitor on CPU/Chassis
Expansion Interface
PCIe 3.0/2.0 [x16] Slot x 1,
PCIe 2.0 [x4] Slot x 1, PCI x5
Battery
Lithium battery
Power Requirement
24-pin ATX connector x 1
8-pin(2x4) ATX 12V Power connector x 1
CPU Fan x 1/ Chassis Fan x 2
Power Consumption
Intel® Core™ i7-4770K Processor, DDR3 1600 8GB x 4;
7.85A@12V, 0.61A@5V, 2.4A@3.3V
Board Size
9.6" x 9.6" (244mm x 244mm)
Gross Weight
1.55 lb (0.7 kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 185°F (-40°C ~ 85°C)
Operating Humidity
0% ~ 90% RH, non-condensing
MTBF
86,000
Display
Graphic Engine
Intel® Graphics Media Accelerator
Resolution
Up to 1920 x 1200 @60Hz for VGA
Up to 1920 x 1200 @60Hz for DVI
Up to 4960 x 2160 @24Hz for HDM
Up to 2560 x 1440 @60Hz for DP
Output Interface
VGA x 1, DVI-D x 1 ,Display Port x 1, HDMI x 1
VGA+DVI, VGA+HDMI, VGA+DP, DVI+HDMI, DVI+DP, HDMI+DP,
VGA+DVI+HDMI, VGA+DVI +DP, DVI+HDMI+DP, HDMI+DP +VGA
VGA x 1, DVI-D x 1, HDMI x 2
VGA+DVI, VGA+HDMI1, VGA+HDMI2,
DVI+HDMI1, DVI+HDMI2, HDMI1+HDMI2,
VGA+HDMI1+HDMI2, VGA+HDMI1+DVI, VGA+HDMI2+DVI
Intel® 4th Generation Core™ i7/ i5 /i3 22nm LGA 1150 Socket
Processor
Three/Dual Independent Display: VGA, DVI-D, HDMI, DP (HDMI
Optional)
Dual Gigabit Ethernet, LAN1 Support AMT 9.0
SATA6.0 Gb/s x 6, USB 3.0 x 4, USB 2.0 x 10
Rich Expansion Slot: PCI-E 3.0/2.0 [x16] x 1, PCI-E [x4] x 1, PCI
x 5
TPM Supported
1701100260
COM Cable (4P, 260MM, p=2.54mm)
SATA 6G Cable (7P, 180; 90, 500MM) 2 in 1
Driver/Utility DVD
I/O Shield
Packing List
I/O
Storage
SATA III (6.0Gb/s) ports x 6
Supports RAID 0/1/5/10
Serial Port
RS-232/422/485 x 1 (supports 5/12V on RI)
RS-232 x 5
Parallel Port
Yes, SPP/EPP/ECP Mode
USB
USB 3.0 ports x 4 (at rear IO)
USB 2.0 ports x 10 (8 ports at mid-board, 2 ports at rear IO)
DIO
8 bit Digital I/O x 1 (In/Out programmable)
PS/2 Port
PS/2 Combo Connector x 1
Audio
Realtek ALC887, 6 Channel
Line-in, Mic-in, Line-out
Keyboard & Mouse
PS/2 Combo
SATA 6.0 Gb/s x 6
PCI-E [x16]
PCI-E [x4]
PCI x 5
Power in
COM x 4
RAM x 4
Intel® 4th
Generation
Core™ i7/ i5 /i3
22nm LGA 1150
Socket Processor
VGA on board
HDMI
DP (HDMI optional)
COM
LAN
USB3.0
MIC-in
Line-out
Line-in
DVI
USB2.0


Similar Part No. - IMBA-Q87A

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBA-Q170A AAEON-IMBA-Q170A Datasheet
671Kb / 2P
   ATX with 7th/6th Generation Intel® Core™ Processor, DDR4 DRAM, USB x 14, Supports iAMT 11.0
IMBA-Q170A-A11-2P4-210 AAEON-IMBA-Q170A-A11-2P4-210 Datasheet
671Kb / 2P
   ATX with 7th/6th Generation Intel® Core™ Processor, DDR4 DRAM, USB x 14, Supports iAMT 11.0
IMBA-Q77 AAEON-IMBA-Q77 Datasheet
549Kb / 2P
   Intel짰 3rd Generation Core??i7/ i5/ i3 LGA 1155 Processor
More results

Similar Description - IMBA-Q87A

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MANO881 AXIOMTEK-MANO881_17 Datasheet
257Kb / 1P
   Mini-ITX SBC with LGA1150 Socket 4th Gen Intel Core Processor
IMB211 AXIOMTEK-IMB211_17 Datasheet
295Kb / 1P
   ATX Industrial Motherboard with LGA1150 Socket 4th Gen Intel Core Processor
SHB130 AXIOMTEK-SHB130_17 Datasheet
234Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1150 4th Gen Intel Core i7/i5/i3 Processor
EBOX671-885-FL AXIOMTEK-EBOX671-885-FL_17 Datasheet
335Kb / 1P
   Fanless Embedded System with LGA1150 Socket 4th Gen Intel Core i7/i5/i3
logo
Adlink Technology Inc.
IMB-M42H ADLINK-IMB-M42H Datasheet
540Kb / 1P
   Industrial ATX Motherboard with 4th Gen Intel Core Pentium Processor
logo
Axiomtek Co., Ltd.
MANO882 AXIOMTEK-MANO882_17 Datasheet
244Kb / 1P
   Mini-ITX SBC with LGA1150 Socket Intel Xeon E3-v3 and 4th Gen Intel Core
logo
DFI Inc
RM641-HD DFI-RM641-HD Datasheet
584Kb / 3P
   4th Gen Intel Core Processor Rackmount Box PC
logo
Axiomtek Co., Ltd.
EBOX635-881-FL AXIOMTEK-EBOX635-881-FL_17 Datasheet
342Kb / 1P
   Fanless Embedded System with LGA1150 Socket 4th Gen Intel Core i7/i5/i3
logo
AAEON Technology
MAX-Q370A AAEON-MAX-Q370A Datasheet
607Kb / 2P
   Micro-ATX Industrial Motherboard with 8th/9th Generation Intel® Core™ Processor, DDR4 DRAM, Multiple Display Ports, Supports iAMT 12.0
2022/10/05
logo
Axiomtek Co., Ltd.
EBOX671-885-FL-ECM AXIOMTEK-EBOX671-885-FL-ECM_17 Datasheet
284Kb / 1P
   Fanless EtherCAT Master Controller with LGA1150 Socket 4th Gen
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com