Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-S5703 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. STR-S5703
Description  OFF-LINE SWITCHING REGULATOR WITH BIPOLAR SWITCHING TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

STR-S5703 Datasheet(HTML) 5 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STR-S5703
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATOR
www.allegromicro.com
TYPICAL QUASI-RESONANT FLYBACK CONVERTER
WARNING: lethal potentials are present. See below.
APPLICATIONS INFORMATION
WARNING — These devices are designed to be operated at lethal voltages and energy levels.
Circuit designs that embody these components must conform with applicable safety requirements.
Precautions must be taken to prevent accidental contact with power-line potentials.
Do not connect grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
Recommended mounting hardware torque:
4.34 – 5.79 lbf•ft (6 – 8 kg•cm or 0.588 – 0.784 Nm).
Recommended metal-oxide-filled, alkyl-degenerated oil base, silicone grease:
Dow Corning 340, or equivalent
+
+ OUTPUT
– OUTPUT
+
Dwg. EK-005A
R
SQ
7
+
+
+
+
9
6
8
4
3
1
2
5
#


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn