Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-M6529 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part No. STR-M6529
Description  OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

STR-M6529 Datasheet(HTML) 2 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
STR-M6529
OFF-LINE
SWITCHING REGULATOR
FUNCTIONAL BLOCK DIAGRAM
ALLOWABLE PACKAGE POWER DISSIPATION
MAXIMUM SAFE OPERATING AREA
60
40
20
20
60
100
2.8 W
140
LIMITED BY FRAME
TEMP. = +125
°C MAX.
RECOMMENDED MAX.
FRAME TEMP. = +100
°C
FREE AIR
54 W
0
TEMPERATURE in
°C
MOUNTING SURFACE
TEMPERATURE
Dwg. GK-003-1
R toff
OSC.
TSD
OVER-VOLT.
PROTECT
COMMON
3
R
SQ
V
IN
FDBK
OVER-CURRENT
PROTECTION
SOURCE
DRAIN
R ton
REF.
FAULT
LATCH
5
1
2
4
6
Dwg. FK-002-2
TRIGGER
0.01
µF
FAULT-LATCH
TRIGGER
& SOFT
START
7
0.75 V
+
UVLO
1000 pF
100
10
1.0
0.1
DRAIN-TO-SOURCE VOLTAGE in VOLTS
Dwg. GK-004-1
0.3
3.0
30
3.0
10
30
100
300
NO HEAT SINK
NATURAL COOLING
T
= +25
°C
A
t
= 10
ms
SINGLE
PULSE
w
t
= 1
ms
SINGLE
PULSE
w
1000
t
= 0.1
ms
SINGLE
PULSE
w
LIMITED
BY rDS(on)
Copyright © 1994 Allegro MicroSystems, Inc.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn