Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-M6529 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part No. STR-M6529
Description  OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

STR-M6529 Datasheet(HTML) 1 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DISCONTINUED
PRODUCT
FOR
REFERENCE
ONL
Y
The STR-M6529 is specifically designed to meet the requirement
for increased integration and reliability in off-line flyback converters
operating in the quasi-resonant ringing choke mode. The device
incorporates the primary control and drive circuit with a discrete ava-
lanche-rated high-voltage power MOSFET.
Crucial system parameters such as maximum ON time and OFF
time are fixed during manufacture. Local control circuit decoupling and
layout are optimized within the device.
Cycle-by-cycle current limiting, soft start, under-voltage lock-out
with hysteresis, over-voltage protection, and thermal shutdown protect
the devices during all normal and overload conditions. Over-voltage
protection, thermal shutdown, or an external fault signal are latched.
The dual requirements of dielectric isolation and low transient thermal
impedance and steady-state thermal resistance are satisfied in an over-
molded single-in-line power package.
Proven in substantial volumes, this device and its fixed-frequency
counterparts represents a significant advance in off-line SMPS reliability
growth and integration.
FEATURES
s Quasi-Resonant Ringing Choke Converter
s Avalanche-Rated Power MOSFET Switch
s Pulse-by-Pulse Current Limiting
s Latched Over-Voltage and Thermal Protection
s Maximum ON Time and OFF Time Set During Manufacture
s Internal Under-Voltage Lockout with Hysteresis
s Over-Molded SIP with Integral Isolated Heat Spreader
Always order by complete part number: STR-M6529 .
OFF-LINE SWITCHING REGULATOR
– WITH POWER MOSFET OUTPUT
STR-M6529
SOURCE
DRAIN
UVLO
COMMON
V IN
OVER-CURRENT
PROTECTION
Dwg. PK-002
FAULT-LATCH
TRIGGER &
SOFT START
FDBK
FAULT
LATCH
REF.
1
2
3
4
5
6
7
OSC.
RS
FAULT
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
IN ...........................
35 V
Drain-Source Voltage, V
DS ..............
800 V
Continuous Drain Current, I
D ............ 5.4 A
1 ms Single-Pulse Drain Current,
I
DM ................................................. 20 A
Single-Pulse Avalanche Energy,
E
A .............................................. 400 mJ
Soft-Start/Fault-Latch Trig. Voltage,
V
SS/FL .............................................
12 V
Feedback Input Current, I
FDBK ........ 20 mA
Over-Current Protection Voltage,
V
OCP .............................................
3.5 V
Insulation Voltage,V
WM(RMS) ...........
2000 V
Package Power Diss., P
D ........ See Graph
FET Junction Temperature, T
J ...... +150°C
Internal Frame Temperature, T
F ... +125°C
Operating Temperature Range,
T
A ............................... -20°C to +125°C
Storage Temperature Range,
T
stg ............................. -40°C to +125°C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn