Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC21AT-I-P Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LC21AT-I-P
Description  1K 2.5V Dual Mode I2C Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21AT-I-P Datasheet(HTML) 5 Page - Microchip Technology

  24LC21AT-I-P Datasheet HTML 1Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 2Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 3Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 4Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 5Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 6Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 7Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 8Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2003 Microchip Technology Inc.
DS21160F-page 5
24LC21A
3.0
BIDIRECTIONAL MODE
Before the 24LC21A can be switched into the
Bidirectional mode (Figure 3-1), it must enter the
Transition mode, which is done by applying a valid
high-to-low transition on the Bidirectional mode Clock
(SCL). As soon it enters the Transition mode, it looks
for a control byte 1010 000X on the I2C™ bus, and
starts to count pulses on VCLK. Any high-to-low transi-
tion on the SCL line will reset the count. If it sees a
pulse count of 128 on VCLK while the SCL line is idle,
it will revert back to the Transmit-only mode, and
transmit its contents starting with the Most Significant
bit in address 00h. However, if it detects the control
byte on the I2C™ bus, (Figure 3-2) it will switch to the
in the Bidirectional mode. Once the device has made
the transition to the Bidirectional mode, the only way to
switch the device back to the Transmit-only mode is to
remove power from the device. The mode transition
process is shown in detail in Figure 3-3.
Once the device has switched into the Bidirectional
mode, the VCLK input is disregarded, with the
exception that a logic high level is required to enable
write capability. This mode supports a two-wire
Bidirectional data transmission protocol (I2C™). In this
protocol, a device that sends data on the bus is defined
to be the transmitter, and a device that receives data
from the bus is defined to be the receiver. The bus must
be controlled by a master device that generates the
Bidirectional mode Clock (SCL), controls access to the
bus and generates the Start and Stop conditions, while
the 24LC21A acts as the slave. Both master and slave
can operate as transmitter or receiver, but the master
device determines which mode is activated. In the
Bidirectional mode, the 24LC21A only responds to
commands for device 1010 000X.
FIGURE 3-1:
MODE TRANSITION WITH RECOVERY TO TRANSMIT-ONLY MODE
FIGURE 3-2:
SUCCESSFUL MODE TRANSITION TO BIDIRECTIONAL MODE
TVHZ
SCL
SDA
VCLK
Transmit
Only
MODE
Bidirectional
Recovery to Transmit-only mode
Bit8
(MSB of data in 00h)
VCLK count =
1
2
3
4
127 128
Transition mode with possibility to return to Transmit-only mode
Bidirectional
permanently
SCL
SDA
VCLK count =
1
2
n
0
VCLK
Transmit
Only mode
MODE
S1
0
1
0
0
00
0
ACK
n < 128


Similar Part No. - 24LC21AT-I-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21AT-I-P MICROCHIP-24LC21AT-I-P Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
More results

Similar Description - 24LC21AT-I-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LC21T MICROCHIP-24LC21T Datasheet
236Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
05/28/04
24LC21A MICROCHIP-24LC21A_08 Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21AT-ISN MICROCHIP-24LC21AT-ISN Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21A-I MICROCHIP-24LC21A-I Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LCS21 MICROCHIP-24LCS21_13 Datasheet
240Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC41 MICROCHIP-24LC41_04 Datasheet
139Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com