Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA7042M Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # SLA7042M
Description  MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7042M Datasheet(HTML) 3 Page - Allegro MicroSystems

  SLA7042M Datasheet HTML 1Page - Allegro MicroSystems SLA7042M Datasheet HTML 2Page - Allegro MicroSystems SLA7042M Datasheet HTML 3Page - Allegro MicroSystems SLA7042M Datasheet HTML 4Page - Allegro MicroSystems SLA7042M Datasheet HTML 5Page - Allegro MicroSystems SLA7042M Datasheet HTML 6Page - Allegro MicroSystems SLA7042M Datasheet HTML 7Page - Allegro MicroSystems SLA7042M Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC ELECTRICAL CHARACTERISTICS at T
A = +25°C, VDD = 5 V unless otherwise noted.
Limits
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
FET Leakage Current
I
DSS
V
DS = 100 V
4.0
mA
FET ON Voltage
V
DS(ON)
SLA7042M, I
OUT = 1.2 A
800
mV
SLA7044M, I
OUT = 3 A
855
mV
FET ON Resistance
r
DS(on)
SLA7042M, I
OUT = 1.2 A
0.67
SLA7044M, I
OUT = 3 A
0.285
Body Diode Forward Voltage
V
SD
SLA7042M, I
OUT = –1.2 A
1.2
V
SLA7044M, I
OUT = –3 A
1.6
V
Control Supply Voltage
V
DD
Operating
4.5
5.0
5.5
V
Control Supply Current
I
DD
Each controller, V
DD = 5.5 V
7.0
mA
Logic Input Voltage
V
IN(1)
3.5
V
V
IN(0)
1.5
V
Logic Input Current
I
IN(1)
V
IN(1) = VDD
1.0
µA
I
IN(0)
V
IN(0) = 0
–1.0
µA
REF/ENABLE Input Voltage
V
REF/EN
DATA, CLOCK, STROBE, and OUT Enabled
0.4
2.5
V
DATA, CLOCK, STROBE, and OUT Disabled
V
DD - 1
V
REF/ENABLE Input Current
IREF/EN
0 V
≤ V
REF/EN ≤ 5 V
±1.0
µA
Step Reference
SRCR
DATA Input = 000X
0
%
Current Ratio
DATA Input = 001X
20
%
DATA Input = 010X
40
%
DATA Input = 011X
55.5
%
First Bit Entered (X) = Phase
DATA Input = 100X
71.4
%
Second Bit Entered = LSB
DATA Input = 101X
83
%
Last Bit Entered = MSB
DATA Input = 110X
91
%
DATA Input = 111X
100
%
NOTE: Negative current is defined as coming out of (sourcing) the specified device pin.
TYPICAL AC CHARACTERISTICS at T
A = +25°C, VDD = 5 V, IOUT = 1 A, Logic Levels are VDD and
Ground
PWM OFF Time
DATA Input = 001X ................................................................. 7
µs
DATA Input = 010X ................................................................. 7
µs
DATA Input = 011X ................................................................. 9
µs
DATA Input = 100X ................................................................. 9
µs
DATA Input = 101X ................................................................. 9
µs
DATA Input = 110X ................................................................ 11
µs
DATA Input = 101X ................................................................ 11
µs
Output RiseTime
tr
10% to 90% ........................................................................... 0.5
µs
Output Fall Time
tf
90% to 10% ........................................................................... 0.1
µs
Strobe-to-Output Switching Time
tpd
50% to 50% ........................................................................... 0.7
µs
SLA7042M AND SLA7044M
MICROSTEPPING,
UNIPOLAR PWM, HIGH-CURRENT
MOTOR CONTROLLER/DRIVERS


Similar Part No. - SLA7042M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
53Kb / 2P
   2W1-2 Phase Excitation/Micro-step Support
SLA7042M SANKEN-SLA7042M_10 Datasheet
53Kb / 2P
   2W1-2 Phase Excitation/Micro-step Support
More results

Similar Description - SLA7042M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7024M ALLEGRO-SLA7024M Datasheet
137Kb / 12P
   HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
MTD2038GE SHINDENGEN-MTD2038GE Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
logo
Sanken electric
SI-7321M SANKEN-SI-7321M Datasheet
238Kb / 19P
   Unipolar 2-Phase Microstepping Motor Driver IC
logo
Allegro MicroSystems
A3955 ALLEGRO-A3955_12 Datasheet
520Kb / 14P
   Full-Bridge PWM Microstepping Motor Driver
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
   Unipolar PWM Stepper Motor Driver
MTD2525J SHINDENGEN-MTD2525J Datasheet
137Kb / 7P
   DMOS Microstepping Dual PWM Motor Driver
logo
Allegro MicroSystems
3955 ALLEGRO-3955 Datasheet
131Kb / 16P
   FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
3957 ALLEGRO-3957 Datasheet
150Kb / 16P
   FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
A4975 ALLEGRO-A4975 Datasheet
321Kb / 13P
   Full-Bridge PWM Microstepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com