Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3D477100420125 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TR3D477100420125
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3D477100420125 Datasheet(HTML) 4 Page - Vishay Siliconix

  TR3D477100420125 Datasheet HTML 1Page - Vishay Siliconix TR3D477100420125 Datasheet HTML 2Page - Vishay Siliconix TR3D477100420125 Datasheet HTML 3Page - Vishay Siliconix TR3D477100420125 Datasheet HTML 4Page - Vishay Siliconix TR3D477100420125 Datasheet HTML 5Page - Vishay Siliconix TR3D477100420125 Datasheet HTML 6Page - Vishay Siliconix TR3D477100420125 Datasheet HTML 7Page - Vishay Siliconix TR3D477100420125 Datasheet HTML 8Page - Vishay Siliconix TR3D477100420125 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 19-Jul-13
4
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
220
B (1.10, 0.70,
0.50, 0.45),
C (0.20),
D (0.05, 0.15,
0.10)
C (0.30, 0.25,
0.225),
D (0.15, 0.10,
0.05),
E (0.15, 0.10),
V (0.10, 0.15)
D (0.15, 0.125,
0.10, 0.05),
E (0.15, 0.10,
0.070, 0.060,
0.050),
V (0.20, 0.15)
E (0.15, 0.125,
0.10)
330
D (0.10, 0.45,
0.035, 0.15)
D (0.15, 0.125,
0.10, 0.06,
0.05, 0.45,
0.35),
E (0.15, 0.10,
0.05),
W (0.10, 0.06,
0.04)
D (0.15, 0.125,
0.10),
E (0.10, 0.06),
W (0.10, 0.06,
0.04)
470
D (0.125, 0.10,
0.06, 0.045,
0.035)
E (0.10, 0.045,
0.035)
D (0.20, 0.15,
0.125, 0.10),
E (0.10, 0.065,
0.06, 0.05),
W (0.10, 0.06,
0.05)
E (0.20, 0.15,
0.10, 0.075),
W (0.10, 0.06,
0.05)
680
D (0.10, 0.06),
E (0.10, 0.04)
E (0.10)
1000
E (0.10)
E (0.20, 0.15,
0.10)
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Call the factory for further explanation.
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
Capacitance Code, pF
Indicates Low ESR
Polarity Band (+)
Voltage
Code
V 104R
A Case
Date Code
Vishay
Sprague Logo
Indicates Low ESR
Voltage
Capacitance μF
Polarity
Band (+)
22
R10
XX
2
B, C, D, E, V Cases


Similar Part No. - TR3D477100420125

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3D477 VISHAY-TR3D477 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
TR3D4770040035 VISHAY-TR3D4770040035 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3D4770040045 VISHAY-TR3D4770040045 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3D4770040060 VISHAY-TR3D4770040060 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3D4770040100 VISHAY-TR3D4770040100 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results

Similar Description - TR3D477100420125

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
TR3A106K016C1700 VISHAY-TR3A106K016C1700 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D227X9010E2TE3 VISHAY-593D227X9010E2TE3 Datasheet
105Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com