Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS55101 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TS55101
Description  High Efficiency 2A Li-Ion Battery Charger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS55101 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TS55101 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS55101 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
- 5 -
TS55101
Version 0.5
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
Triune Systems Proprietary and Confidential Information
DO NOT DUPLICATE
PRODUCT PREVIEW
FUNCTIONAL DESCRIPTION
The TS55101 is a fully-integrated Li-Ion battery charger IC based on a highly-efficient switching topology. It includes
configurability for termination voltage, charge current and a host of other variables to allow optimum charging conditions for a
wide range of Li-Ion batteries. A 1 MHz internal switching frequency facilitates low-cost LC filter combinations.
When the battery voltage is below 3.0 volts, the device will enter a pre-charge state and apply a small, programmable charge
current to safely charge the battery to a level for which full charge current can be applied. Once the full charge mode has been
initiated, the device will maximize available charge current to the battery by adjusting its duty cycle to regulate its input voltage
to the MPP voltage of the photovoltaic cell. If sufficient current is available from the PV cell to exceed the safe 1C charge rate of
the battery, then the programmable 1C current limit function will take precedence over the MPP control function and the PV
cell voltage will rise above the MPP value.
When the battery voltage has increased enough to go into maintenance mode, the PWM control loop will force a constant
voltage across the battery. Once in constant voltage mode, current is monitored to determine when the battery is fully charged.
This regulation voltage as well as the 1C charging current can be set to change based on battery temperature. There are 4
temperature ranges where these can be set independently, 0-10°C, 10-45°C, 45-50°C and 50-60°C. The 0°C and 60°C thresholds
will stop charging and have 10 degrees of hysteresis. The intermediate points have 1 degree of hysteresis.


Similar Part No. - TS55101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555 Datasheet
84Kb / 12P
   LOW POWER SINGLE CMOS TIMERS
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
   LOW POWER SINGLE CMOS TIMER
TS555C STMICROELECTRONICS-TS555C Datasheet
84Kb / 12P
   LOW POWER SINGLE CMOS TIMERS
TS555C STMICROELECTRONICS-TS555C Datasheet
220Kb / 12P
   LOW POWER SINGLE CMOS TIMER
More results

Similar Description - TS55101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
logo
E-CMOS Corporation
EC49020 E-CMOS-EC49020 Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
FP8203 FEELING-FP8203 Datasheet
654Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
   High Efficiency Switch Mode Li-Ion Battery Charger
REV. 0
logo
Linear Technology
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com