Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6219DS Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # L6219DS
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

L6219DS Datasheet(HTML) 5 Page - Allegro MicroSystems

  L6219DS Datasheet HTML 1Page - Allegro MicroSystems L6219DS Datasheet HTML 2Page - Allegro MicroSystems L6219DS Datasheet HTML 3Page - Allegro MicroSystems L6219DS Datasheet HTML 4Page - Allegro MicroSystems L6219DS Datasheet HTML 5Page - Allegro MicroSystems L6219DS Datasheet HTML 6Page - Allegro MicroSystems L6219DS Datasheet HTML 7Page - Allegro MicroSystems L6219DS Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
L6219DS
DUAL FULL-BRIDGE
MOTOR DRIVER
LOGIC CONTROL OF OUTPUT CURRENT
Two logic level inputs (l
0 and I1) allow digital selection of the motor
winding current at 100%, 67%, 33%, or 0% of the maximum level per
the table. The 0% output current condition turns off all drivers in the
bridge and can be used as an OUTPUT ENABLE function.
CURRENT-CONTROL TRUTH TABLE
l
0
I
1
Output Current
LL
V
REF
/10 R
S
= I
TRIP
HL
V
REF
/15 R
S
= 2/3 I
TRIP
LH
V
REF
/30 R
S
= 1/3 I
TRIP
HH
0
These logic level inputs greatly enhance the implementation of
µP-controlled drive formats.
During half-step operations, the l
0 and l1 allow the µP to control the
motor at a constant torque between all positions in an eight-step
TYPICAL APPLICATION
sequence. This is accomplished by digitally
selecting 100% drive current when only one
phase is on and 67% drive current when two
phases are on. Logic highs on both l
0 and l1
turn off all drivers to allow rapid current decay
when switching phases. This helps to ensure
proper motor operation at high step rates.
The logic control inputs can also be
used to select a reduced current level (and
reduced power dissipation) for ‘hold’ condi-
tions and/or increased current (and available
torque) for start-up conditions.
GENERAL
The PHASE input to each bridge
determines the direction motor winding
current flows. An internally generated
deadtime (approximately 2
µs) prevents
crossover currents that can occur when
switching the PHASE input.
All four drivers in the bridge output can
be turned off between steps (l
0 = l1 ≥ 2.4 V)
resulting in a fast current decay through the
internal output clamp and flyback diodes. The
fast current decay is desirable in half-step and
high-speed applications. The PHASE, l
0,and I1
inputs float high.
Varying the reference voltage (V
REF)
provides continuous control of the peak load
current for microstepping applications.
Thermal protection circuitry turns off all
drivers when the junction temperature
reaches +170
°C. It is only intended to protect
the device from failures due to excessive
junction temperature and should not imply
that output short circuits are permitted. The
output drivers are re-enabled when the
junction temperature cools to +145
°C.
The L6219DS output drivers are opti-
mized for low output saturation voltages—less
than 1.8 V total (source plus sink) at 500 mA.
Under normal operating conditions, when
combined with the excellent thermal proper-
ties of the batwing package design, this
allows continuous operation of both bridges
simultaneously at 500 mA.
FROM
µP
V
REF
Dwg. EP-008-2
V
BB
FROM
µP
V
REF
+5 V
STEPPER
MOTOR
RS
RS
RC
RC
RT
RT
C
T
CT
CC
C
C
+
1
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
θ
2
θ
1
VCC
2
VBB
1


Similar Part No. - L6219DS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219DS STMICROELECTRONICS-L6219DS Datasheet
1Mb / 9P
   STEPPER MOTOR DRIVER
logo
Allegro MicroSystems
L6219DS-T ALLEGRO-L6219DS-T Datasheet
312Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
STMicroelectronics
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
65Kb / 8P
   STEPPER MOTOR DRIVER FOR AUTOMOTIVE RANGE
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
L6219DSA STMICROELECTRONICS-L6219DSA_08 Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
More results

Similar Description - L6219DS

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com