Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS30023 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TS30023
Description  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS30023 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TS30023 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS30023 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TRIUNE SYSTEMS PROPRIETARY & CONFIDENTIAL INFORMATION
- 8 -
TS30021/22/23
Version 1.5
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
The input to the FB pin is high impedance, and input current should be less than 100nA. As a result, good layout practices are
required for the feedback resistors and feedback traces. When using the adjustable version, the feedback trace should be kept
as short as possible and minimum width to reduce stray capacitance and to reduce the injection of noise.
For the adjustable version, the ratio of VCC/Vout cannot exceed 16.
Switching output, VSW
This is the switching node of the regulator. It should be connected directly to the 1.5uH inductor with a wide, short trace and to
one end of the Bootstrap capacitor. It is switching between VCC and PGND at the switching frequency.
Ground, GND
This ground is used for the majority of the device including the analog reference, control loop, and other circuits.
Power Ground, PGND
This is a separate ground connection used for the low side synchronous switch to isolate switching noise from the rest of the
device.
Enable, high-voltage, EN
This is the input terminal to activate both the switching regulator and LDO. The input threshold is TTL/CMOS compatible. It
also has an internal pull-up to ensure a stable state if the pin is disconnected.
Option available for sequential power-up of switching regulator first, followed by activating the LDO after switching regulator
voltage is above VOUT-UV threshold.
PG Output, PG
This is an open drain, active low output. The switched mode output voltage is monitored and the PG line will remain low until
the output voltage reaches the VOUT-UV threshold. Once the internal comparator detects the output voltage is above the desired
threshold, an internal delay timer is activated and the PG line is de-asserted to high once this delay timer expires. In the event
the output voltage decreases below VOUT-UV, the PG line will be asserted low and remain low until the output rises above VOUT-UV
and the delay timer times out. See Figure 2 for the circuit schematic for the PG signal.
Options are available for PG only based on switcher output voltage, or the combination of both switcher and LDO outputs being
higher than the VOUT-UV thresholds.
Unregulated LDO input, VLDO
This terminal is the unregulated input voltage source for regulation stage of the LDO. It is recommended that a 10uF bypass
capacitor be placed close to the device for best performance.
LDO Sense feedback, FBLDO
This is the input terminal for the adjustable voltage feedback for the LDO. The following formula determines the output
voltage.
VOLDO = 0.8 (1 + RTOP/RBOT)
The same guidelines as given for the switching regulator FB pin apply to the LDO FB pin as well.
Regulated LDO Output, VOLDO
This terminal is the output of the LDO and should be connected to a 1uF output capacitor.
INTERNAL PROTECTION DETAILS
SMPS Internal Current Limit
The current through the high side FET is sensed on a cycle by cycle basis and if current limit is reached, it will abbreviate the
cycle. In addition, the device senses the FB pin to identify hard short conditions and will direct the VSW output to skip 4 cycles
if current limit occurs when FB is low. This allows current built up in the inductor during the minimum on time to decay
sufficiently. Current limit is always active when the regulator is enabled. Soft start ensures current limit does not prevent
regulator startup.


Similar Part No. - TS30023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
More results

Similar Description - TS30023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com